Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

58562-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 58562-1
Description  PRO-CRIMPER III Hand Crimping Tool
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

58562-1 Datasheet(HTML) 1 Page - Tyco Electronics

  58562-1 Datasheet HTML 1Page - Tyco Electronics 58562-1 Datasheet HTML 2Page - Tyco Electronics 58562-1 Datasheet HTML 3Page - Tyco Electronics 58562-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
PRO- CRIMPER* III Hand
Crimping Tool Assembly 58562- 1
408--4080
LOC B
1
of 4
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
15 JAN 10 Rev B
with Die Assembly 58562- 2
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low volume
applications. A wide selection of powered application equipment for extended--use, production operations is available.
Stationary Jaw
Back of Tool
(Wire Side)
Pivot Pin
PRO--CRIMPER III Hand
Crimping Tool Frame
354940--1 (408--9930)
Stationary
Handle
Moving Handle
Front of Tool
Die Assembly
Moving Jaw
Ratchet
Adjustment
Wheeel
The PRO--CRIMPER III Hand Crimping Tool is a “Commercial” grade hand
tool and is designed primarily for field installation, repair, maintenance work, or
prototyping in industrial, commercial, or institutional applications. Product
crimped with this tool will meet the crimp height requirement for hand tools in
the appropriate 114 series specification, but may not comply with other feature
parameters of the specification. Tyco Electronics offers a variety of tools to
satisfy your performance requirements. For additional information, contact the
Tooling Assistance Center at 1--800--722--1111.
{
Wire
TE Die Assembly
Contact Family{
Size (AWG)
Insul Dia
Strip Length
mm [In.]
58561--2
.250 FASTON* Receptacle
22--18
2.29 to 3.30
[.090 to .130]
4.75
[.187]
{
Supplied with die assembly. Also available separately..
}
Contact the TOOLING ASSISTANCE CENTER or PRODUCT INFORMATION (see below) for specific contact part numbers.
Figure 1
1. INTRODUCTION
PRO--CRIMPER III Hand Crimping Tool
Assembly 58562--1 consists of Die Assembly
58562--2 and PRO--CRIMPER III Hand Crimping Tool
Frame 354940--1. The die assembly consists of wire
and insulation crimping dies.
Read these instructions thoroughly before crimping
any terminals.
Reasons for reissue are provided in Section 10,
REVISION SUMMARY.
Dimensions on this sheet are in millimeters [with
inch equivalents provided in brackets]. Figures
and illustrations are for identification only and are
not drawn to scale.
2. DESCRIPTION (Figures 1 and 2)
The tool features a tool frame with a stationary jaw
and handle, a moving jaw, a moving handle, and an
adjustable ratchet that ensures full contact crimping.
The tool frame holds a die assembly with two
crimping sections.
The die assembly features a wire anvil, an insulation
anvil, a wire crimper, and an insulation crimper.
NOTE
i


Similar Part No. - 58562-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5856 ALPHAWIRE-5856 Datasheet
69Kb / 3P
   Customer Specification
5856/7 ALPHAWIRE-5856/7 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
logo
TE Connectivity Ltd
585643-000 TEC-585643-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
Alpha Wire
58567 ALPHAWIRE-58567 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
More results

Similar Description - 58562-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4005 MACOM-408-4005 Datasheet
253Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool
408-4476 MACOM-408-4476 Datasheet
225Kb / 4P
   PRO-CRIMPER* III Hand Crimping Tool
408-10341 MACOM-408-10341 Datasheet
250Kb / 6P
   PRO--CRIMPER III Hand Crimping Tool
408-4021 MACOM-408-4021 Datasheet
253Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool
408-9159 MACOM-408-9159 Datasheet
175Kb / 4P
   PRO-CRIMPER III Hand Crimping Tool
logo
TE Connectivity Ltd
408-9999 TEC-408-9999 Datasheet
246Kb / 6P
   PRO--CRIMPER III Hand Crimping Tool
logo
Tyco Electronics
408-4160 MACOM-408-4160 Datasheet
228Kb / 4P
   PRO-CRIMPER III Hand Crimping Tool
logo
TE Connectivity Ltd
408-9973 TEC-408-9973 Datasheet
332Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
logo
Tyco Electronics
408-4274 MACOM-408-4274 Datasheet
245Kb / 6P
   PRO-CRIMPER* III Hand Crimping Tool Assembly
logo
TE Connectivity Ltd
408-9964 TEC-408-9964 Datasheet
244Kb / 6P
   PRO-CRIMPER III Hand Crimping Tool Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com