Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

217343-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 217343-1
Description  Adapt Various Crimping Dies For Use with 626 Pneumatic Tooling Assemblies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

217343-1 Datasheet(HTML) 2 Page - Tyco Electronics

  217343-1 Datasheet HTML 1Page - Tyco Electronics 217343-1 Datasheet HTML 2Page - Tyco Electronics 217343-1 Datasheet HTML 3Page - Tyco Electronics 217343-1 Datasheet HTML 4Page - Tyco Electronics 217343-1 Datasheet HTML 5Page - Tyco Electronics 217343-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408- 4105
Straight Action Crimpers 217200- [ ]
Rev C
2
of 6
Tyco Electronics Corporation
assembly (including the cam) on the pneumatic tool.
After the tool holder assembly has been installed,
proceed as follows:
To prevent personal injury, ALWAYS disconnect
the main air supply and electrical supply (if
applicable) of the pneumatic tool before installing
or removing the straight action crimper.
DO NOT operate the pneumatic tool without the
straight action crimper and the proper die
assembly installed. After straight action crimper is
installed, make sure that the quick pins are
FULLY tightened to avoid personal injury and
damage to the tool.
1. Remove the quick pins from the tool holder
assembly.
2. Slide the crimper into the tool holder assembly,
aligning the threaded holes of the crimper with the
threaded quick pin holes of the tool holder
assembly.
3. After the crimper is properly aligned in the tool
holder assembly, insert and tighten the quick pins.
Use Loctite 242 removable threadlocker, or
equivalent, to prevent the quick pins from
loosening.
Removal is the reverse of installation.
3.2. Die Assembly
To prevent personal injury, ALWAYS disconnect
the main air supply and electrical supply (if
applicable) of the pneumatic tool before installing
or removing dies.
DO NOT operate pneumatic tool without the
straight action crimper and proper die assembly
installed. After straight action crimper and
crimping dies has been installed, make sure that
the quick pins are FULLY tightened to avoid
personal injury and damage to the tool.
1. Assemble the anvil (stationary) die to the
indenter (movable) die as shown in Figure 2. The
anvil is identifiable by the chamfers and the ejector.
2. Position tool holder assembly as shown in
Figure 3, and install the die assembly.
3. Secure the die assembly in the die holder
assembly with the die holding screws. See
Figure 3.
Loctite is a trademark of Henkel Corporation.
Figure 2
Ejector
Anvil
Die
Die Holder of Crimper
Indenter
Die
Figure 3
Position of Tool Holder
Assembly for Die Installation
Dies Installed
in Die Holder
of Crimper
Die Holding Screws
4. With the dies closed, tighten the die holding
screws.
5. Connect the pneumatic tool to an adequate air
supply (between 620 and 690 kPa [90 and
100 psi]. For specific information on air line
requirements and air hose installation, refer to
409--5862.
Removal is the reverse of installation.
DANGER
DANGER
NOTE
i
NOTE
i
DANGER
DANGER
NOTE
i


Similar Part No. - 217343-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
217343-1 MACOM-217343-1 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results

Similar Description - 217343-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8878 TEC-408-8878 Datasheet
217Kb / 4P
   626 Pneumatic Crimping Head 1490191-1 (Used with 626 Pneumatic Tooling Assemblies)
408-8413 TEC-408-8413 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
logo
Tyco Electronics
408-4366 MACOM-408-4366 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
logo
TE Connectivity Ltd
408-1729 TEC-408-1729 Datasheet
710Kb / 11P
   Crimping Dies
logo
Molex Electronics Ltd.
0011201274 MOLEX11-0011201274 Datasheet
289Kb / 9P
   PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
408-2292-3 TEC-408-2292-3 Datasheet
900Kb / 6P
   Terminal Crimping Dies
logo
Tyco Electronics
45442 MACOM-45442 Datasheet
439Kb / 8P
   SOLISTRAND Crimping Dies
logo
TE Connectivity Ltd
408-4153 TEC-408-4153 Datasheet
104Kb / 4P
   Tooling Assemblies
logo
Tyco Electronics
409-10039 MACOM-409-10039 Datasheet
328Kb / 15P
   Micro Pneumatic Tooling
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com