Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90391-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 90391-3
Description  Pnuematic Platform Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

90391-3 Datasheet(HTML) 1 Page - Tyco Electronics

  90391-3 Datasheet HTML 1Page - Tyco Electronics 90391-3 Datasheet HTML 2Page - Tyco Electronics 90391-3 Datasheet HTML 3Page - Tyco Electronics 90391-3 Datasheet HTML 4Page - Tyco Electronics 90391-3 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
Pnuematic Platform Adapters
679992- 1 and 679992- 2 (Used with
408--4098
LOC B
1
of 5
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
12 MAR 10 Rev D
626 Pneumatic Tooling Assemblies)
Figure 1
Product:
Ultra--Fast Fully Insulated FASTON* Terminals
Ultra--Fast Plus Fully Insulated FASTON Terminals
Wire Size:
26--14 AWG
Product Catalog:
82042
Tooling Catalog:
124208
Quick Pin(s)
Tool Holder Assembly
189767--1 (Ref)
Rollers
Link
Locator
Stop
Pneumatic Platform
Adapter 679992--1
(Ref)
Top Jaw
Locator
Assembly
Bottom Jaw
1. INTRODUCTION
Pneumatic Platform Adapters 679992--1 (shown in
Figure 1) and 679992--2 are used with 626 Pneumatic
Tooling Assemblies 189721--1, 189722--1, 189723--1,
or 189724--1 when fitted with Tool Holder Assembly
189767--1. The platform adapter accepts the crimping
die assemblies listed in Figure 2 and will crimp
Ultra--Fast FASTON terminals onto wire sizes 26
through 14 AWG.
This instruction sheet provides recommended
procedures for insulation crimp adjustments, wire
preparation, crimp head installation, crimping, and
maintenance and inspection. For information
concerning the setup and operation of the pneumatic
tools, see Customer Manual 409--5862.
Read these instructions thoroughly before
proceeding.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue are provided in Section 7,
REVISION SUMMARY.
CRIMPING DIE ASSEMBLY
TERMINAL
WIRE SIZE
PART
NUMBER
INSTRUCTION
SHEET
COLOR DOT
CODE
TYPE
CRIMP DOT
CODE
WIRE SIZE
(AWG)
58052--3
408--9277
Violet
Ultra--Fast Fully Insulated FASTON
Terminal
3
26--22
58079--3
408 9278
Red
Ultra--Fast Plus Fully Insulated
NA
22--18
58080--3
408--9278
Blue
Ultra--Fast Plus Fully Insulated
FASTON Terminal
NA
16--14
90390--3
408 9279
Red
Ultra--Fast Fully Insulated FASTON
1
22--18
90391--3
408--9279
Blue
Ultra--Fast Fully Insulated FASTON
Terminal
2
16--14
Figure 2
NOTE
i


Similar Part No. - 90391-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
90391-3 TEC-90391-3 Datasheet
138Kb / 5P
   Crimping Die Assemblies
More results

Similar Description - 90391-3

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
   Adapters
0.61_2022-07-11
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
   Adapters
0.54_2022-07-16
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
   Adapters
0.54_2022-07-11
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
   Adapters
0.58_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
   Adapters
0.62_2022-07-15
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
   Adapters
logo
Tumbler Technologies + ...
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
   Desktop Adapters
logo
Glenair, Inc.
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
   Adapters/Extenders
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
   Bezel Adapters
logo
Glenair, Inc.
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
   EMI Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com