Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310581-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 310581-1
Description  Pneumatic TETRA-CRIMP Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

310581-1 Datasheet(HTML) 4 Page - Tyco Electronics

  310581-1 Datasheet HTML 1Page - Tyco Electronics 310581-1 Datasheet HTML 2Page - Tyco Electronics 310581-1 Datasheet HTML 3Page - Tyco Electronics 310581-1 Datasheet HTML 4Page - Tyco Electronics 310581-1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 4099
Pneumatic TETRA- CRIMP Adapter 679305- 1
Rev E
4
of 5
Tyco Electronics Corporation
Figure 5
REPLACEMENT PARTS
ITEM
PART NO.
DESCRIPTION
QTY PER
ADAPTER
1
217450--1
JAW, Assembly, Bottom
1
ITEM
PART NO.
DESCRIPTION
QTY PER
ADAPTER
3--23620--3
PIN, Straight Grooved
2
217451--1
JAW, Assembly, Top
1
3
679261--1
LINK
2
4
310611--1
JAW RIVET ASSEMBLY
1
12
6--23629--1
PIN, Straight Grooved
2
5
310607--1
FIXED JAW ASSEMBLY
1
13
1--21048--0
RING, Retaining
4
6
122637--1
PIN, Toggle Link
1
14
21028--8
PIN, Slotted Spring
1
7
122701--1
SPRING
1
15
310690--1
SPRING, Extension
1
8
310581--1
STOP, Terminal and Wire
1
16
679495--2
PIN
1
92
17
852980--1
LABEL, Vinyl
1
18
3--21000--4
SCREW, Socket Head Cap
1
10
21045--6
RING, Retaining
4
11
314479--2
ROLLER
4
19
301185--6
SHIM, 0.20 [.008]D
AR
20
301185--7
SHIM, 0.25 [.010]D
AR
21
301185--8
SHIM, 0.30 [.012]D
AR
22
301185--9
SHIM, 0.38 [.015]D
AR
D
Add shim to reduce gap 0.18 [.007] (max) between Link (Item 3) and Straight Grooved Pin (Item 9).
2
16
15
14
17
4
5
18
1
12
13
22
21
20
19
7
11
10
9
3
8
6
3. Inspect the crimping area for flattened, chipped,
or broken areas. Although the crimping chambers
may gage within permissible limits, worn or
damaged jaw closure surfaces are objectionable
and will affect the quality of the crimp.
B. Gaging the Crimping Chamber
An inspection should be performed periodically to
check the jaw closure for excessive wear. The jaw
closure inspection is accomplished using plug gages.
Tyco Electronics neither manufacturers nor sells plug
gages. A suggested plug gage design and
dimensions of the plug gage GO and NO--GO
elements are listed in Figure 6. The following
procedure is recommended for inspecting the
crimping chambers.
1. DISCONNECT AIR SUPPLY and remove
adapter from tool holder. Refer to Section 3,
ADAPTER INSTALLATION AND REMOVAL.
2. Remove oil and dirt from the jaw surfaces, jaw
closure surfaces, and plug gage element surfaces.


Similar Part No. - 310581-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
310581-1 TEC-310581-1 Datasheet
361Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 310581-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638018901 MOLEX11-0638018901 Datasheet
31Kb / 1P
   Crimp Adapter For DIN style dies In Molex 63801-8900 Pneumatic Crimp Machine
logo
EPCOS
B5048 EPCOS-B5048 Datasheet
93Kb / 8P
   TETRA
logo
Molex Electronics Ltd.
0638018902 MOLEX11-0638018902 Datasheet
32Kb / 1P
   Crimp Adapter for 35mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
0638018903 MOLEX11-0638018903 Datasheet
31Kb / 1P
   Crimp Adapter for 22mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
logo
Molex Electronics Ltd.
0638018900 MOLEX-0638018900 Datasheet
35Kb / 1P
   Pneumatic Universal Crimp Machine
12/14/2021
logo
EPCOS
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
   HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
logo
Tyco Electronics
408-4303 MACOM-408-4303 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com