Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301185-9 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 301185-9
Description  Pneumatic TETRA-CRIMP Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

301185-9 Datasheet(HTML) 3 Page - Tyco Electronics

  301185-9 Datasheet HTML 1Page - Tyco Electronics 301185-9 Datasheet HTML 2Page - Tyco Electronics 301185-9 Datasheet HTML 3Page - Tyco Electronics 301185-9 Datasheet HTML 4Page - Tyco Electronics 301185-9 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408- 4099
Pneumatic TETRA- CRIMP Adapter 679305- 1
3
of 5
Rev E
Tyco Electronics Corporation
Figure 4
Crimp
Centered
Crimp Dot
Code (2 Dots)
(Ref)
Wire End is Flush
With or Slightly Beyond
Endof WireBarrel
Crimp Dot
Code (1 Dot)
(Ref)
Crimped Terminal
Crimped Splice
Wire Insulation
Does Not Enter
Wire Barrel
Note:
Crimp May Be Off Center
But Not Off End of Wire Barrel
3. After the wire barrel is properly positioned,
release the rollers to allow the jaws to spring shut,
holding the terminal or splice in place.
4. Insert the stripped wire into the wire barrel until
the wire bottoms.
5. Activate tool to complete the crimp. Open the
crimping jaws by squeezing the adapter rollers
together; then remove the crimped terminal or
splice.
6. If crimping a splice, position the uncrimped end
in the crimping chamber and repeat the crimping
procedure.
7. Inspect terminal or splice to ensure a proper
crimp. Refer to Figure 4.
A properly crimped terminal or splice will display
a crimp dot code on the terminal insulation. For
applicable crimp dot codes, refer to Figure 2.
5. MAINTENANCE AND INSPECTION
To avoid injury, DISCONNECT TOOL FROM AIR
SUPPLY before performing any maintenance or
inspection procedures.
Tyco Electronics recommends that a maintenance
and inspection program be performed periodically to
ensure dependable and uniform terminations. The
adapter should be inspected once a month.
Frequency of inspection should be adjusted to suit
your requirements through experience, and depends
on:
1. The care, amount of use, and handling of the
adapter.
2. The type and size of the products crimped.
3. The degree of operator skill.
4. The presence of abnormal amounts of dust and
dirt.
5. Your own established standards.
Each adapter is thoroughly inspected before
packaging. Since there is the possibility of damage
during shipment, the adapter should be inspected
immediately upon arrival at your facility in accordance
with Figure 5 and Paragraph 5.2,B, Gaging the
Crimping Chamber.
5.1. Maintenance
A. Cleaning
Remove dust, moisture, and other contaminants with
a clean, soft brush, or a soft, lint--free cloth. Do
NOT use objects that could damage the adapter.
Relubricate adapter, as instructed in Paragraph 5.1,B,
Lubrication, before placing it back into service.
B. Lubrication
Lubricate all pins, pivot points, and bearing surfaces
with a high quality grease. Tyco Electronics
recommends the use of Molykote} grease, which is a
commercially available lubricant. Lubricate according
to the following schedule:
Adapter used in daily production -- lubricate daily
Adapter used daily (occasional) -- lubricate weekly
Adapter used weekly -- lubricate monthly
Wipe excess grease from adapter, particularly from
jaw closure areas. Grease transferred from the jaw
closure area onto certain terminations may affect the
electrical characteristics of an application.
5.2. Periodic Inspection
A. Visual Inspection
1. Inspect the adapter for missing pins and
retaining rings. If parts are missing or defective,
replace them by referring to Figure 5.
2. Check all bearing surfaces for wear. Make sure
the rollers turn freely with minimal resistance.
Replace any worn parts.
}
Trademark of Dow Corning Corporation
NOTE
i
DANGER


Similar Part No. - 301185-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
301185-9 MACOM-301185-9 Datasheet
137Kb / 5P
   Pnuematic Platform Adapters
301185-9 MACOM-301185-9 Datasheet
217Kb / 10P
   626 Pneumatic Crimping Heads
logo
TE Connectivity Ltd
301185-9 TEC-301185-9 Datasheet
1Mb / 11P
   626 Pneumatic Crimping Head PN 1338317-1 (Used with 626Pneumatic Tooling Assemblies)
More results

Similar Description - 301185-9

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638018901 MOLEX11-0638018901 Datasheet
31Kb / 1P
   Crimp Adapter For DIN style dies In Molex 63801-8900 Pneumatic Crimp Machine
logo
EPCOS
B5048 EPCOS-B5048 Datasheet
93Kb / 8P
   TETRA
logo
Molex Electronics Ltd.
0638018902 MOLEX11-0638018902 Datasheet
32Kb / 1P
   Crimp Adapter for 35mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
0638018903 MOLEX11-0638018903 Datasheet
31Kb / 1P
   Crimp Adapter for 22mm wide U-Dies in Molex 63801-8900 Pneumatic Crimp Machine
logo
Tyco Electronics
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
logo
Molex Electronics Ltd.
0638018900 MOLEX-0638018900 Datasheet
35Kb / 1P
   Pneumatic Universal Crimp Machine
12/14/2021
logo
EPCOS
B5132 EPCOS-B5132 Datasheet
91Kb / 8P
   SAW filter TETRA
logo
List of Unclassifed Man...
WA23 ETC-WA23 Datasheet
1Mb / 3P
   HEAVY DUTY PNEUMATIC CRIMP TOOL
REV.E
logo
Tyco Electronics
408-4303 MACOM-408-4303 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
   TETRA Baseband Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com