Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC383 Datasheet(PDF) 8 Page - Micross Components

Part # HMC383
Description  Point-to-Point Radios
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC383 Datasheet(HTML) 8 Page - Micross Components

  HMC383 Datasheet HTML 1Page - Micross Components HMC383 Datasheet HTML 2Page - Micross Components HMC383 Datasheet HTML 3Page - Micross Components HMC383 Datasheet HTML 4Page - Micross Components HMC383 Datasheet HTML 5Page - Micross Components HMC383 Datasheet HTML 6Page - Micross Components HMC383 Datasheet HTML 7Page - Micross Components HMC383 Datasheet HTML 8Page - Micross Components HMC383 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3
3 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled
and matched to 50 Ohms.
2Vdd
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
3RFOUT
This pad is AC coupled
and matched to 50 Ohms.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
HMC383
v02.0907
GaAs PHEMT MMIC MEDIUM
POWER AMPLIFIER, 12 - 30 GHz
Assembly Diagram


Similar Part No. - HMC383

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC383 HITTITE-HMC383 Datasheet
262Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
HMC383 HITTITE-HMC383 Datasheet
360Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
logo
Analog Devices
HMC383 AD-HMC383 Datasheet
286Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC383LC4 HITTITE-HMC383LC4 Datasheet
245Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
HMC383LC4 HITTITE-HMC383LC4 Datasheet
332Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 12 - 30 GHz
More results

Similar Description - HMC383

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
HMC490 AD-HMC490 Datasheet
406Kb / 8P
   Point-to-Point Radios
HMC499LC4 AD-HMC499LC4 Datasheet
373Kb / 6P
   Point-to-Point Radios
HMC7229CHIPS AD-HMC7229CHIPS Datasheet
275Kb / 16P
   Point to point radios
HMC-ALH482 AD-HMC-ALH482 Datasheet
285Kb / 6P
   Point-to-Point Radios
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
   Point-to-Point Radios
HMC516LC5 AD-HMC516LC5 Datasheet
375Kb / 6P
   Point-to-Point Radios
HMC633LC4 AD-HMC633LC4 Datasheet
425Kb / 8P
   Point-to-Point Radios
logo
Micross Components
HMC392 MICROSS-HMC392 Datasheet
836Kb / 9P
   Point-to-Point Radios
HMC451 MICROSS-HMC451 Datasheet
955Kb / 9P
   Point-to-Point Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com