Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224475-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 224475-1
Description  Installation and removal of the crimper from the tool holder assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

224475-1 Datasheet(HTML) 1 Page - Tyco Electronics

  224475-1 Datasheet HTML 1Page - Tyco Electronics 224475-1 Datasheet HTML 2Page - Tyco Electronics 224475-1 Datasheet HTML 3Page - Tyco Electronics 224475-1 Datasheet HTML 4Page - Tyco Electronics 224475-1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Instruction Sheet
“T”- HEAD* Crimper 217202- 1
408--4214
LOC B
1
of 5
E
2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other product names, logos, or company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
12 MAR 10 Rev A
(Used with 626 Pneumatic Tooling Systems)
Figure 1
Tool Holder
Assembly
189928--1
(Ref)
Quick Pins
(Ref)
“T”--HEAD Crimper
217202--1
1. INTRODUCTION
“T”--HEAD Crimper 217202--1 is designed to crimp
PIDG* and PLASTI--GRIP* terminals on wire sizes
22--14 AWG. The crimper is used with 626 Pneumatic
Tooling Assemblies 189721--1, 189722--1, 189723--1,
and 189724--1. For information concerning the setup
and operation of the pneumatic tools, refer to
Customer Manual 409--5862.
This instruction sheet provides:
S
Installation and removal of the crimper from the
tool holder assembly.
S
Maintenance, inspection, and repair information
for the crimper.
For information concerning wire preparation, crimping
procedures, and crimp inspection, refer to the
associated instructions supplied with the terminals.
Read these instructions thoroughly before
proceeding.
Measurements are in metric units [followed by
U.S. customary units in brackets]. Figures and
illustrations are not drawn to scale and are for
reference only.
2. DESCRIPTION (Figure 1)
The “T”--HEAD Crimper attaches (via four quick pins)
to the tool holder assembly of the pneumatic power
unit. When actuated, a cam extends through the tool
holder into the crimper, driving an internal, roller--
guided envelope. The other end of this mechanism is
connected to an anvil and, as the cam pushes against
the roller--guided envelope, the anvil moves in a
straight line and bottoms against a stationary
indenter. When the cam of the pneumatic tool
retracts, the force is removed from the envelope.
The envelope must then be manually retracted by use
of a plastic slide switch. The plastic slide switch
permits opening and closing of the anvil for insertion
and removal of terminals or splices.
3. INSTALLATION AND REMOVAL OF CRIMPER (Figure 1)
Before installing the crimper, refer to Customer
Manual 409--5862 for instructions on installing the
appropriate tool holder assembly (including cam) on
the pneumatic tool. After the appropriate tool holder
assembly has been installed, proceed as follows:
Removal is the reverse of installation.
NOTE
i
NOTE
i


Similar Part No. - 224475-1

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224475 ERNI-224475 Datasheet
75Kb / 1P
   Federleiste C 64 THR
More results

Similar Description - 224475-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2400 MOLEX-63824-2400 Datasheet
250Kb / 2P
   This Extractor Tool is for the removal of the CSP 6.3 Receptacle Terminals from the CSP Receptacle Housings
09-06-12
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
200222-0100 MOLEX-200222-0100 Datasheet
297Kb / 2P
   This extractor tool is for the removal of crimped terminals from housing series
09-03-21
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
   10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
   FCT Installation and Removal Tool for D-Subs
09/06/2022
logo
TE Connectivity Ltd
408-8550 TEC-408-8550 Datasheet
92Kb / 2P
   This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
   HDM* Stiffener Removal/ Installation Repair Tool
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
   FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com