Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

302389 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 302389
Description  Installation and removal of the crimper from the tool holder assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

302389 Datasheet(HTML) 4 Page - Tyco Electronics

  302389 Datasheet HTML 1Page - Tyco Electronics 302389 Datasheet HTML 2Page - Tyco Electronics 302389 Datasheet HTML 3Page - Tyco Electronics 302389 Datasheet HTML 4Page - Tyco Electronics 302389 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 4214
“T”- HEAD Crimper 217202- 1
Rev A
4
of 5
Tyco Electronics Corporation
Figure 3
Shoulder
Screw
SlottedSpringPins
(One Each Side)
Must be Driven Through
Top Housing
Wooden
Block
(Ref)
Bottom
Housing
Center
Housing
Spring
Top
Housing
Protruding
Slotted
Spring Pin
Shoulder
Cap Screws
Envelope
Pneumatic
“T”--HEAD
Subassembly
Plastic
Slide
Switch


Similar Part No. - 302389

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
302380 MACOM-302380 Datasheet
320Kb / 6P
   This instruction sheet provides information on product application and a maintenance and inspection
logo
Pentair plc. All rights...
3023807 PENTAIR-3023807 Datasheet
1Mb / 20P
   This manual is a reference and will not include every system installation situation
3023824 PENTAIR-3023824 Datasheet
1Mb / 20P
   This manual is a reference and will not include every system installation situation
3023828 PENTAIR-3023828 Datasheet
1Mb / 20P
   This manual is a reference and will not include every system installation situation
More results

Similar Description - 302389

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2400 MOLEX-63824-2400 Datasheet
250Kb / 2P
   This Extractor Tool is for the removal of the CSP 6.3 Receptacle Terminals from the CSP Receptacle Housings
09-06-12
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
Molex Electronics Ltd.
200222-0100 MOLEX-200222-0100 Datasheet
297Kb / 2P
   This extractor tool is for the removal of crimped terminals from housing series
09-03-21
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
   10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Molex Electronics Ltd.
1731121744 MOLEX-1731121744 Datasheet
23Kb / 1P
   FCT Installation and Removal Tool for D-Subs
09/06/2022
logo
TE Connectivity Ltd
408-8550 TEC-408-8550 Datasheet
92Kb / 2P
   This tool is shipped in kit form and consists of the holder base, the cutting base, and the cutter set gage.
logo
Molex Electronics Ltd.
62201-5600 MOLEX-62201-5600 Datasheet
1Mb / 1P
   HDM* Stiffener Removal/ Installation Repair Tool
1731121745 MOLEX-1731121745 Datasheet
22Kb / 1P
   FCT Installation and Removal Tool for High-Density Contacts
09/06/2022
logo
TE Connectivity Ltd
408-8658 TEC-408-8658 Datasheet
80Kb / 1P
   Push the spool assembly from the hole in the top of the spool valve until it falls out of the bottom.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com