Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDMVSG-JGLH-46-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LDMVSG-JGLH-46-1
Description  white SMD package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDMVSG-JGLH-46-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  LDMVSG-JGLH-46-1 Datasheet HTML 1Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 2Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 3Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 4Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 5Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 6Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 7Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 8Page - OSRAM GmbH LDMVSG-JGLH-46-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2015-08-20
1
2015-08-20
Mini TOPLED
Datasheet
Version 1.2
LD MVSG
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
Package: white SMD package, colorless clear
silicone resin
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: deep blue (460 nm)
Farbe: deep blue (460 nm)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Aircraft Interior Lighting
Flugzeugbeleuchtung innen
Automotive Interior Lighting
Automobilbeleuchtung innen
White Goods Lighting
Weiße Ware
Medical Lighting
Medizinische Beleuchtung
Variable Message Signs (VMS)
Wechselanzeigen (VMS)


Similar Part No. - LDMVSG-JGLH-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDMVSG OSRAM-LDMVSG Datasheet
671Kb / 21P
   Small size high-flux LED for slim designs
More results

Similar Description - LDMVSG-JGLH-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-MVSG OSRAM-LD-MVSG Datasheet
671Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
LD-W5SM OSRAM-LD-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
   white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
   white SMD package, colorless clear silicone resin
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com