Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEAP3W-TXUX-1 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LEAP3W-TXUX-1
Description  OSTAR High Power Projection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEAP3W-TXUX-1 Datasheet(HTML) 4 Page - OSRAM GmbH

  LEAP3W-TXUX-1 Datasheet HTML 1Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 2Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 3Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 4Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 5Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 6Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 7Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 8Page - OSRAM GmbH LEAP3W-TXUX-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2016-01-27
4
Version 1.5
LE A P3W
Characteristics (TBoard = 25 °C; IF = 6000 mA; per Chip; f = 1000 Hz; tint = 100 ms; D = 0.25)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
624
nm
Dominant Wavelength
2) page 22
Dominantwellenlänge
2) Seite 22
(min.)
(typ.)
(max.)
λdom
λdom
λdom
612
617
620
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
18
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
3) page 22 , 4) page 22
Durchlassspannung
3) Seite 22 , 4) Seite 22
(per chip)
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.50
4.00
V
V
V
Deviation of forward voltage of all chips
Abweichung der Durchlassspannung aller Chips
(max.)
VF
135
mV
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
V 120° = x * ΦV 180°)
(typ.)
Φ
E/V, 120°
0.82
Radiating surface
Abstrahlende Fläche
(typ.)
Acolor
4.8 x 2.6
mm²
Thermal resistance junction / board 5) page 22
Wärmewiderstand Sperrschicht / Board 5) Seite 22
(typ.)
(max.)
R
th JB real
R
th JB real
0.5
0.6
K/W
K/W
Thermal resistance junction / board 5) page 22
Wärmewiderstand Sperrschicht / Board
5) Seite 22
(with efficiency ηe = 17 %)
(typ.)
(max.)
R
th JB el
Rth JB el
0.4
0.5
K/W
K/W


Similar Part No. - LEAP3W-TXUX-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAP3W01 OSRAM-LEAP3W01 Datasheet
808Kb / 20P
   OSRAM OSTAR Projection Power
LEAP3W01-TXUX-23 OSRAM-LEAP3W01-TXUX-23 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LEAP3W01-TXUX-23 OSRAM-LEAP3W01-TXUX-23 Datasheet
808Kb / 20P
   OSRAM OSTAR Projection Power
More results

Similar Description - LEAP3W-TXUX-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGP2W01 OSRAM-LECGP2W01 Datasheet
1Mb / 21P
   OSTAR High Power Projection
LE-A-P3W-01 OSRAM-LE-A-P3W-01 Datasheet
808Kb / 20P
   OSTAR High Power Projection
LE-CG-P3A-01 OSRAM-LE-CG-P3A-01 Datasheet
929Kb / 22P
   OSTAR High Power Projection
LEBP3W01-GYHY-24 OSRAM-LEBP3W01-GYHY-24 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LECGP1W-6T8T-1 OSRAM-LECGP1W-6T8T-1 Datasheet
1Mb / 23P
   OSTAR High Power Projection
LEBP1W-EYFY-24 OSRAM-LEBP1W-EYFY-24 Datasheet
822Kb / 21P
   OSTAR High Power Projection
LECGP2W-7U6V-1 OSRAM-LECGP2W-7U6V-1 Datasheet
1Mb / 22P
   OSTAR High Power Projection
LE-A-P1W OSRAM-LE-A-P1W Datasheet
786Kb / 21P
   OSTAR High Power Projection
LEAP2W01 OSRAM-LEAP2W01 Datasheet
824Kb / 20P
   OSTAR High Power Projection
LE-B-P1W OSRAM-LE-B-P1W Datasheet
870Kb / 21P
   OSTAR High Power Projection
LECGP1A-5T8T-A OSRAM-LECGP1A-5T8T-A Datasheet
949Kb / 23P
   OSTAR High Power Projection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com