Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203E57ALL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6203E57ALL
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E57ALL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6203E57ALL Datasheet HTML 6Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 7Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 8Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 9Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 10Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 11Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 12Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 13Page - Torex Semiconductor XC6203E57ALL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
XC6203 Series
248
3
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
■Typical Performance Characteristics
GXC6203E182PR
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
0
100
200
300
400
VIN=2.8V
CIN=CL=1.0
µF(tantalum)
Output Current:IOUT(mA)
XC6203E182PR(1.8V)
1.9
1.8
1.7
1.6
1.5
-40
°C
85
°C
Topr=25
°C
0
1
2
3
4
5
6
7
8
Topr=25
°C
CIN=CL=1.0
µF(tantalum)
Input Voltage:VIN(V)
XC6203E182PR(1.8V)
2.0
1.8
1.6
1.4
1.2
1.0
IOUT=1mA
=40mA
0
100
200
300
400
CIN=CL=1.0
µF(tantalum)
Output Current:IOUT(mA)
XC6203E182PR(1.8V)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Topr=25
°C
85
°C
-40
°C
-60
-40
-20
0
20
40
60
80
100
Ambient Temp.:Topr
°C)
XC6203E182PR(1.8V)
1.90
1.85
1.80
1.75
1.70
IOUT=1mA
=40mA
=100mA
0
2
4
6
8
Input Voltage:VIN(V)
XC6203E182PR(1.8V)
20
15
10
5
0
Topr = 25
°C
-40
°C
85
°C
(3) DROPOUT VOLTAGE vs. OUTPUT CURRENT
(4) SUPPLY CURRENT vs. INPUT VOLTAGE
(5) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
Ambient Temp.:Topr
°C)
XC6203E182PR(1.8V)
20
15
10
5
0
VIN=2.8V
(6) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
03S_03XC6203 02.9.12 2:54 PM ページ 248


Similar Part No. - XC6203E57ALL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18AFB TOREX-XC6203E18AFB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFH TOREX-XC6203E18AFH Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFL TOREX-XC6203E18AFL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18AFR TOREX-XC6203E18AFR Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203E57ALL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com