Electronic Components Datasheet Search |
|
1320371-1 Datasheet(PDF) 4 Page - Tyco Electronics |
|
1320371-1 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 10 page 408- 4366 Pneumatic Crimping Heads 662546- 1 and 1320369- 1 Rev C 4 of 10 Tyco Electronics Corporation 6. CRIMP INSPECTION Inspect crimped terminals and splices by checking the features described in Figure 4. Use only terminals and splices that meet the conditions shown in the “ACCEPT” column. “REJECT” terminations can be avoided through careful use of instructions in Sections 4 and 5, and by performing regular crimping head maintenance as described in Section 7. 7. MAINTENANCE AND INSPECTION To avoid personal injury, ALWAYS disconnect air supply from pneumatic tool before performing maintenance or inspection. It is recommended that a maintenance and inspection program be performed periodically to ensure dependable and uniform terminations. The pneumatic crimping head should be inspected once a month. Frequency of inspection should be adjusted to suit your requirements through experience. Frequency of inspection depends on: 1. The care, amount of use, and handling of the crimping head. 2. The type and size of the product crimped. 3. The degree of operator skill. 4. The presence of abnormal amounts of dust and dirt. 5. Your own established standards. Each crimping head is thoroughly inspected before packaging. Since there is the possibility of damage during shipment, new crimping heads should be inspected immediately upon arrival at your facility. 7.1. Daily Maintenance It is recommended that each operator be responsible for the following steps of daily maintenance: 1. Remove dust, moisture, and other contaminants with a clean, soft brush, or a lint--free cloth. Do NOT use objects that could damage the head. 2. Make sure that all pins, rings, and other components are in place and secure. To avoid personal injury and damage to the crimping head, make sure quick pins are fully tightened. 3. Make certain all surfaces are protected with a thin coat of any good SAE 20 motor oil. Do NOT oil excessively. 4. When the crimping head is not in use, store it in a clean, dry area. 7.2. Periodic Inspection Regular inspections should be performed by quality control personnel. A record of scheduled inspections should remain with the crimping head or be supplied to supervisory personnel responsible for the crimping head. Though recommendations call for at least one inspection a month, the frequency should be based on amount of use, working conditions, operator training and skill, and your established company policies. These inspections should include a visual inspection (Paragraph 7.3) and a crimping chamber inspection (Paragraph 7.5). 7.3. Visual Inspection 1. Remove all lubrication and accumulated film by immersing the crimping head in a suitable commercial degreaser that will not affect paint or plastic. 2. Make certain all components are in place. If replacements are necessary, refer to Section 8, REPLACEMENT AND REPAIR. 3. Check all bearing surfaces for wear. Make sure the rollers turn freely with minimal resistance. Replace worn parts. 4. Inspect crimp area for flattened, chipped, or broken areas. See Figure 5. Replace worn or damaged parts. Figure 4 Pitted Chipped Edge Flattened Area Broken Corner DANGER DANGER |
Similar Part No. - 1320371-1 |
|
Similar Description - 1320371-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |