Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC6315-29D2UY Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC6315-29D2UY
Description  Open-Drain 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-29D2UY Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC6315-29D2UY Datasheet HTML 1Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 2Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 3Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 4Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 5Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 6Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 7Page - Micrel Semiconductor MIC6315-29D2UY Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
MIC6315
Application Information
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below the
reset threshold voltage or if /MR (manual reset) is forced
low. The /RESET pin remains asserted for the duration of
the reset timeout period after VCC has risen above the
reset threshold or /MR has returned high. The reset
function ensures the microprocessor is properly reset and
powers up in a known condition after a power failure.
/RESET will remain valid with VCC as low as 1V.
The /RESET output is a simple open-drain N-channel
MOSFET structure. A pull-up resistor must be used to
pull this output up to some voltage. For most applications,
this voltage will be the same power supply that supplies
VCC to the MIC6315. It is possible, however, to tie this
resistor to some other voltage. This will allow the
MIC6315 to monitor one voltage while level-shifting the
/RESET output to some other voltage. The pull-up
voltage must be limited to 6.0V or less (absolute
maximum) to avoid damage to the MIC6315. The resistor
must be small enough to supply current to the inputs and
leakage paths that are driven by the /RESET output.
/RESET Valid at Low Voltage
As VCC drops to 0V, the MIC6315 will no longer be able to
pull the /RESET output low. At this point, the pull-up
resistor will pull the output high. The value of the pull-up
resistor and the voltage it is connected to will affect the
point at which this happens.
Wire OR’ing the /RESET Output
Because the RESET output is open-drain, several reset
sources can be wire-OR’ed, in parallel, to allow resets
from multiple sources.
VCC Transients
The MIC6315 is relatively immune to negative-going VCC
glitches below the reset threshold. Typically, a negative-
going transient 125mV below the reset threshold with
duration of 20
µs or less will not cause an unwanted reset.
If additional transient immunity is needed, a bypass
capacitor can be placed a close as possible to the
MIC6315.
Figure 1. MIC6315 as Used in a Multiple Supply System
October 17, 2014
6
Revision 2.0


Similar Part No. - MIC6315-29D2UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-29D2UY MICREL-MIC6315-29D2UY Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-29D2UY-TR MICROCHIP-MIC6315-29D2UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-29D2UY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com