Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94164YCS Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC94164YCS
Description  3A High-Side Load Switch with Reverse Blocking
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94164YCS Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC94164YCS Datasheet HTML 1Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 2Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94164YCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC94161/2/3/4/5
March 14, 2014
5
Revision 1.1
Timing Diagrams
Figure 1. Output Voltage Rise and Fall time Measurements
Figure 2. Output Voltage Turn On and Turn Off Measurements


Similar Part No. - MIC94164YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94164YCS MICREL-MIC94164YCS Datasheet
742Kb / 12P
   3A High-Side Load Switch
More results

Similar Description - MIC94164YCS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
   3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
   Full Function Load Switch with Reverse Current Blocking
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
   IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
   Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
   2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
   5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com