Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94310-LYMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC94310-LYMT
Description  200mA LDO with Ripple Blocker??Technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-LYMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC94310-LYMT Datasheet HTML 5Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 6Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 7Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 8Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 9Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 10Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 11Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 12Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Micrel, Inc.
MIC94310
Application Information
The MIC94310 is a very-high PSRR, fixed-output, 200mA
LDO utilizing Ripple Blocker technology. The MIC94310
is fully protected from damage due to fault conditions,
offering linear current limiting and thermal shutdown.
Input Capacitor
The MIC94310 is a high-performance, high-bandwidth
device. An input capacitor of 0.47µF is required from the
input to ground to provide stability. Low-ESR ceramic
capacitors provide optimal performance at a minimum of
space. Additional high-frequency capacitors, such as
small-valued NPO dielectric-type capacitors, help filter
out high-frequency noise and are good practice in any
RF-based
circuit.
X5R
or
X7R
dielectrics
are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore, not recommended.
Output Capacitance
In order to maintain stability, the MIC94310 requires an
output capacitor of 0.47µF or greater for the Thin DFN
and WLCSP packages and 10µF or greater for the SOT-
23 package. For optimal ripple rejection performance a
1µF capacitor is recommended for the CSP and Thin
DFN packages, while a 10µF capacitor is recommended
for the SOT-23 package. The design is optimized for use
with
low-ESR
ceramic
chip
capacitors.
High-ESR
capacitors are not recommended because they may
cause high-frequency oscillation. The output capacitor
can be increased, but performance has been optimized
for a 1µF ceramic output capacitor and does not improve
significantly with larger capacitance.
X7R/X5R
dielectric
type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change their value by as much as
50%
and
60%,
respectively,
over
their
operating
temperature ranges. To use a ceramic chip capacitor with
the Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No Load Stability
The MIC94310 will remain stable and in regulation with
no load. This is especially important in CMOS RAM keep-
alive applications.
Enable/Shutdown
Forcing the enable (EN) pin low disables the MIC94310
and sends it into a “zero” off mode current state. In this
state, current consumed by the MIC94310 goes nearly to
zero. Forcing EN high enables the output voltage. The
EN pin uses CMOS technology and cannot be left floating
as it could cause an indeterminate state on the output.
Thermal Considerations
The MIC94310 is designed to provide 200mA of
continuous current in a very-small package. Maximum
ambient operating temperature can be calculated based
on the output current and the voltage drop across the
part. For example if the input voltage is 2.5V, the output
voltage is 1.8V, and the output current = 200mA. The
actual power dissipation of the Ripple Blocker™ can be
determined using Equation 1:
PD = (VIN – VOUT1) IOUT + VIN IGND
Eq. 1
Because this device is CMOS and the ground current is
typically <170µA over the load range, the power
dissipation contributed by the ground current is <1% and
can be ignored for this calculation.
PD = (2.5V – 1.8V) × 200mA
PD = 0.14W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the Equation 2:


=
JA
A
J(max)
D(MAX)
θ
T
T
P
Eq. 2
TJ(MAX) = 125ºC, the maximum junction temperature of the
die,
θ
JA thermal resistance = 173°C/W for the Thin DFN
package.
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit.
September 11, 2014
9
Revision 2.1


Similar Part No. - MIC94310-LYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-4YCS-TR MICROCHIP-MIC94310-4YCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
MIC94310-4YM5-T5 MICROCHIP-MIC94310-4YM5-T5 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
MIC94310-4YM5-TR MICROCHIP-MIC94310-4YM5-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94310-4YMT MICREL-MIC94310-4YMT Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
More results

Similar Description - MIC94310-LYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com