Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94310-LYMT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC94310-LYMT
Description  200mA LDO with Ripple Blocker??Technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-LYMT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC94310-LYMT Datasheet HTML 1Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 2Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 3Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 4Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 5Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 6Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 7Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 8Page - Micrel Semiconductor MIC94310-LYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micrel, Inc.
MIC94310
Ordering Information
Part Number
Marking Code
Output Voltage
Package
(1, 2)
Lead Finish
MIC94310-4YCS
1Z
1.2V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-FYCS
2Z
1.5V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-GYCS
Z9
1.8V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-DYCS
Z8
1.85V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-JYCS
Z7
2.5V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-LYCS
3Z
2.7V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-MYCS
Z6
2.8V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-NYCS
Z5
2.85V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-PYCS
Z4
3.0V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-SYCS
Z3
3.3V
0.88mm × 0.88mm WLCSP
Pb-Free
MIC94310-4YMT
31T
1.2V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-FYMT
32T
1.5V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-GYMT
31G
1.8V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-DYMT
31D
1.85V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-JYMT
31J
2.5V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-LYMT
31L
2.7V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-MYMT
31M
2.8V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-NYMT
31N
2.85V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-PYMT
31P
3.0V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-SYMT
31S
3.3V
1.2mm × 1.6mm Thin DFN
Pb-Free
MIC94310-4YM5
V31
1.2V
5-Pin SOT-23
Pb-Free
MIC94310-GYM5
W31
1.8V
5-Pin SOT-23
Pb-Free
MIC94310-MYM5
Z31
2.8V
5-Pin SOT-23
Pb-Free
MIC94310-SYM5
X31
3.3V
5-Pin SOT-23
Pb-Free
Note:
1.
Thin DFN
▲ = Pin 1 identifier.
2.
Thin DFN is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
September 11, 2014
2
Revision 2.1


Similar Part No. - MIC94310-LYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-4YCS-TR MICROCHIP-MIC94310-4YCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
MIC94310-4YM5-T5 MICROCHIP-MIC94310-4YM5-T5 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
MIC94310-4YM5-TR MICROCHIP-MIC94310-4YM5-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94310-4YMT MICREL-MIC94310-4YMT Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
More results

Similar Description - MIC94310-LYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com