Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2873 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2873
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2873 Datasheet HTML 1Page - Micrel Semiconductor MIC2873 Datasheet HTML 2Page - Micrel Semiconductor MIC2873 Datasheet HTML 3Page - Micrel Semiconductor MIC2873 Datasheet HTML 4Page - Micrel Semiconductor MIC2873 Datasheet HTML 5Page - Micrel Semiconductor MIC2873 Datasheet HTML 6Page - Micrel Semiconductor MIC2873 Datasheet HTML 7Page - Micrel Semiconductor MIC2873 Datasheet HTML 8Page - Micrel Semiconductor MIC2873 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Micrel, Inc.
MIC2873
Electrical Characteristics
(6) (Continued)
VIN = 3.6V; L = 1µH; COUT =4.7µF, IOUT = 100mA, TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
TSD
Overtemperature
Shutdown Threshold
155
°C
Overtemperature
Shutdown Hysteresis
15
°C
TTO
Safety Timeout Shutdown
Default timer setting
1.25
s
ITO
Safety Timer Current
Threshold
Default current threshold setting
250
mA
VLBVD
Low-Battery Voltage
Detection Threshold
Default LBVD threshold setting
3.0
V
Low-Battery Voltage
Detection Threshold
Accuracy
All low-battery voltage detection threshold
settings
50
mV
VSHORT
LED Short-Circuit
Detection Voltage
Threshold
VOUT - VLED
1.55
1.7
1.85
V
ITEST
LED Short-Circuit
Detection Test Current
1.6
2
2.7
mA
Current Sink Channel
Channel Current Accuracy
VOUT = 4.2V, ILED = 0.20A
−6
6
%
VOUT = 4.2V, ILED = 1.0A
-8
8
VLED
Current Sink Voltage
Dropout
Boost mode
250
mV
FEN Control Pin
VFEN
FEN Threshold Voltage
FLASH ON
1.3
V
FLASH OFF
0.6
FEN Pull-down Current
VFEN = 5.5V
1.3
5
µA
Electrical Characteristics
̶ Single-Wire Interface (Guaranteed by design)
VIN = 3.6V; L = 1µH; COUT =4.7µF, IOUT = 100mA, TA = 25°C, bold values indicate –40°C
≤ TJ ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDC
LOW-Level Input Voltage
0.4
V
HIGH-Level Input Voltage
1.3
V
DC Pull-Down Current
VDC = 5.5V
2.8
5
µA
TON
ON Time
0.1
72
µs
TOFF
OFF Time
0.1
72
µs
TLAT
Latch Time
97
324
µs
TEND
END Time
405
µs
July 17, 2014
4
Revision 1.0


Similar Part No. - MIC2873

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2870YFT MICREL-MIC2870YFT Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2871YMK MICREL-MIC2871YMK Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results

Similar Description - MIC2873

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
   30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com