Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2774L-46YM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2774L-46YM5
Description  Dual Micro-Power Low Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774L-46YM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2774L-46YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2774L-46YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC2774
March 16, 2015
4
Revision 2.0
Absolute Maximum Ratings
(6)
Supply Voltage (VDD) .................................... –0.3V to +7.0V
Input Voltages (VIN, V/MR) ............................. –0.3V to +7.0V
Output Voltages (V/RST, VRST) ....................... –0.3V to +7.0V
RST, (/RST) Current ...................................................20mA
Storage Temperature (Ts)......................... –65°C to +150°C
ESD Rating
(8)............................................................... 1.5kV
Operating Ratings
(7)
Supply Voltage (VDD).................................... +1.5V to +5.5V
Input Voltages (VIN, V/MR) ............................. –0.3V to +6.0V
Output Voltages
V/RST (N version) .................................... –0.3V to +6.0V
V/RST, VRST (H and L versions) .... –0.3V to VDD to +0.3V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance (
θ
JA) ........................ 256°C/W
Electrical Characteristics
(9)
Note 10; TA = +25°C, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Supply Current
VDD = VIN = VTH + 1.6%;
Note 10; /MR, RST, /RST open
3.5
µA
VDD Voltage Threshold
Undervoltage Threshold on VDD
(See Standard Voltage Options
table)
VTH-
1.5%
VTH
VTH+
1.5%
V
VHYST
Hysteresis Voltage
1
%
IN, Undervoltage Detector Input
VREF
Undervoltage Threshold
Note 10
295
300
305
mV
VHYST
Hysteresis Voltage
3
mV
IIN
Input Current
5
pA
TMIN
≤ TA ≤ TMAX
10
nA
RST, /RST Outputs
tPROP
Propagation Delay
VIN = (VREF(MAX) + 100mV) to
VIN = (VREF(MIN) – 100mV), /MR = open
20
µs
tRST
Reset Pulse Width
TMIN
≤ TA ≤ TMAX
140
280
ms
VOL
RST or /RST Output Voltage
Low
ISINK = 1.6mA; VDD
≥ 1.6V
0.3
V
ISINK = 100µA; VDD
≥ 1.2V; Note 11
0.3
V
VOH
RST or /RST Output Voltage
High (H and L versions)
ISOURCE = 500µA; VDD
≥ 1.5V
0.8 ×
VDD
V
ISOURCE = 10µA; VDD
≥ 1.2V; Note 11
0.8 ×
VDD
V
Notes:
6.
Exceeding the absolute maximum ratings may damage the device.
7.
The device is not guaranteed to function outside its operating ratings.
8.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
9.
Specification for packaged product only
10. VDD equals nominal “Typical Application (VDD)” as shown in the Standard Voltage Options table.
11. VDD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.


Similar Part No. - MIC2774L-46YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2774L-46YM5-TR MICROCHIP-MIC2774L-46YM5-TR Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774L-46YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com