Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2774H-31YM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2774H-31YM5
Description  Dual Micro-Power Low Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774H-31YM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2774H-31YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2774H-31YM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC2774
March 16, 2015
6
Revision 2.0
Functional Diagram
Note: *Pinout and polarity vary by device type. See the Ordering Information table.
Functional Description
IN, Undervoltage Detector Input
The voltage present at the IN pin is compared to the
internal 300mV reference voltage. A reset is triggered if
and when VIN falls below VREF. Typically, a resistor divider
is used to scale the input voltage to be monitored such
that VIN will fall below VREF as the voltage being
monitored falls below the desired trip-point. Hysteresis is
employed to prevent chattering due to noise. The
comparator on the IN pin is relatively immunue to very
brief negative-going transients.
VDD Input
The VDD pin is both the power supply terminal and a
monitored input voltage. The voltage at this pin is
continually compared against the internal reference. The
trip-point at which a reset occurs is factory-programmed.
A reset is triggered if and when VDD falls below the trip-
point. Hysteresis is employed to prevent chattering due to
noise. The comparator on the VDD input is relatively
immune to very brief negative-going transients.
RST, /RST Reset Output
Typically, the MIC2774 is used to monitor the power
supplies of intelligent circuits such as microcontrollers
and microprocessors. By connecting the appropriate
reset output of an MIC2774 to the reset input of a µC or
µP, the processor will be properly reset at power-on,
power-down,
and
during
brown-out
conditions.
In
addition, asserting /MR, the manual reset input, will
activate the reset function.
The reset output is asserted any time /MR is asserted of
if VIN or VDD drops below the corresponding threshold
voltage. The reset output remains asserted for tRST(min)
after VIN and/or VDD subsequently return above the
threshold boundaries and/or /MR is released. A reset
pulse
is
also
generated
at
power-on.
Hysteresis
isincluded in the comparators to prevent chattering of the
output due to noise.
/MR, Manual Reset Input
The ability to initiate a reset via external logic or a manual
switch is provided in addition to the MIC2774’s automatic
supervisory functions. Driving the /MR input to a logic low
causes an immediate and unconditional reset to occur.
Assuming VIN and VDD are within tolerance when /MR is
released (returns high), the reset output will be de-
asserted no less than tRST later. /MR may be driven by a
logic signal or mechanical switch. Typically, a momentary
push-button switch is connected such that /MR is shorted
to ground when the switch contacts close. Switch de-
bouncing is performed internally; the switch may be
connected directly between /MR and GND. /MR is
internally pulled-up to VDD and may be left open if
unused.


Similar Part No. - MIC2774H-31YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2774H-31YM5-TR MICROCHIP-MIC2774H-31YM5-TR Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774H-31YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com