Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83301R Datasheet(PDF) 10 Page - Winbond

Part # W83301R
Description  ACPI-STR Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83301R Datasheet(HTML) 10 Page - Winbond

Back Button W83301R Datasheet HTML 6Page - Winbond W83301R Datasheet HTML 7Page - Winbond W83301R Datasheet HTML 8Page - Winbond W83301R Datasheet HTML 9Page - Winbond W83301R Datasheet HTML 10Page - Winbond W83301R Datasheet HTML 11Page - Winbond W83301R Datasheet HTML 12Page - Winbond W83301R Datasheet HTML 13Page - Winbond W83301R Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Confidential
Revision 0.6
8
W83301R
Preliminary
7.2 ACPI State Control
In order to meet the ACPI specification, the W83301R implement a state machine as
shown as Figure 5 to generate ACPI-compliant power state transition.
There are only five states in the state machine cause the W83301R only focus on the
memory ACPI control, and the five states are G3 (Mechanical-Off State), S0 (Full-Power
State), S3 (Sleeping State-Suspend to RAM), S5On (Soft-Off State), S5Off and all of these
states changed to the other according to the condition of S3#, S5# and 5VDLEN#. On the
other hand, cause of the W83301R allows customer to disable/enable the 5VDUAL output
in S5 state via 5VDLEN# pin, there are two states, S5On and S5Off, corresponding to S5
state. A soft ramp-up mechanism is needed to protect the 5VDL output from the rush
current attack during the S5Off to S5On state transition. Same as the 5VDL output, the
W83301R also provides soft ramp-up mechanism during S5On to S0 state transition in
each STR output.
In the state machine, when the power on, and the 5V input from power supply arrive
4.5V, the chip will enter S5Off first from G3, and ramp-up into S5On state by two
conditions, the one is when 5VDLEN#=0 under standby power supply to resume the 5VDL
output, the other one is S3#=1 and S5#=1 the system will enter S1 state.
During S5On state, the chip will return back to S5Off when the customer wants
disabling the 5VSB output (5VDLEN#=1) to save some power. And the chip will drive all
outputs into S0 state will S3#=1 and S5#=1.
When the system under the S0 state, the system should enter the S3-sleeping
(S3#=0, S5#=1) or S5-soft off (S5#=0) state when the system idle for a long time or user
power-off.
When the system suspend to RAM, the system will be wakeup and enter S0-full
power state by (S3#=1, S5#=1,PWOK=1), or get into S5-sleeping soft off state by
(S5#=0)
Table 2. W83301R Outputs Table
State
5VDL
STR1
STR2
STR3
LUV Activity *
G3
Off
Off
Off
Off
No
S5 (5VDL Off)
Off
Off
Off
Off
No
S5 (5VDL On)
On
(Driven by
5VDLSB)
Off
Off
Off
No
S0
On
(Driven by
5VDRV)
On
On
On
Yes
S3
On
(Driven by
5VDLSB)
On
On
On
Yes
*When the STR2 & STR3 configured as bus termination controller, only STR1 has linear under voltage
function.


Similar Part No. - W83301R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
More results

Similar Description - W83301R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
   ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
logo
Fairchild Semiconductor
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
   ACPI Switch Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
logo
Winbond
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
   Advanced ACPI Controller
logo
Fairchild Semiconductor
FAN5067 FAIRCHILD-FAN5067 Datasheet
101Kb / 14P
   ACPI Dual Switch Controller
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
   ACPI Dual Switch Controller
logo
List of Unclassifed Man...
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com