Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2774L-17YM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2774L-17YM5
Description  Dual Micro-Power Low Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774L-17YM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2774L-17YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2774L-17YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC2774
March 16, 2015
5
Revision 2.0
Electrical Characteristics
(9)
Note 10; TA = +25°C, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
/MR Inputs
VIH
Input High Voltage
Note 10
0.7 ×
VDD
V
VIL
Input Low Voltage
Note 10
0.3 ×
VDD
%
tPROP
Propagation Delay
V/MR < (VIL – 100mV); Note 10
5
µs
tMIN
Minimum Input Pulse Width
Reset occurs, V/MR < VIL
33
ns
IPU
Internal Pull-Up Current
100
250
nA
IIN
Input Current, /MR
V/MR < VIL
100
250
nA
Timing Diagram
Notes:
12. Propagation delays not shown for clarity.
13. The MIC2774 ignores very brief transients. See the Application Information section for details.


Similar Part No. - MIC2774L-17YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2774L-17YM5-TR MICROCHIP-MIC2774L-17YM5-TR Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774L-17YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com