Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7020.3820 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7020.3820
Description  NON RESETTABLE FUSES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7020.3820 Datasheet(HTML) 3 Page - Schurter Inc.

  7020.3820 Datasheet HTML 1Page - Schurter Inc. 7020.3820 Datasheet HTML 2Page - Schurter Inc. 7020.3820 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
INDEX BY TYPES | INDEX BY ORDER NUMBERS
NON RESETTABLE FUSES
T
TIIM
ME
E--C
CU
UR
RR
RE
EN
NT
T C
CU
UR
RV
VE
ES
S
www.schurter.com
Time-Current Curves
1
17
72
25
58
81
1
0,001
0,01
0,1
1
10
100
1000
10000
110
2
3
45
Multiple of Rated Current In


Similar Part No. - 7020.3820

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7020.8010 SCHURTER-7020.8010 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
7020.8020 SCHURTER-7020.8020 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
7020.8030 SCHURTER-7020.8030 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
7020.8040 SCHURTER-7020.8040 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
7020.8050 SCHURTER-7020.8050 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
More results

Similar Description - 7020.3820

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
0034.3973 SCHURTER-0034.3973 Datasheet
83Kb / 1P
   Non resettable fuses
FSQ5X20 SCHURTER-FSQ5X20 Datasheet
88Kb / 1P
   Non resettable fuses
FSD SCHURTER-FSD Datasheet
83Kb / 1P
   Non resettable fuses
logo
List of Unclassifed Man...
USF0603 ETC2-USF0603 Datasheet
98Kb / 2P
   Non resettable fuses
PFRA ETC1-PFRA Datasheet
141Kb / 5P
   RESETTABLE FUSES
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com