Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2774H-22YM5TR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2774H-22YM5TR
Description  Dual Micro-Power Low Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774H-22YM5TR Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2774H-22YM5TR Datasheet HTML 1Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 2Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 3Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 4Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 5Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 6Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 7Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 8Page - Micrel Semiconductor MIC2774H-22YM5TR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC2774
Dual Micro-Power Low Voltage Supervisor
IttyBitty is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 16, 2015
Revision 2.0
General Description
The MIC2774 is a dual power supply supervisor that
provides undervoltage monitoring, manual reset capability,
and power-on reset generation in a compact 5-pin SOT-23
package. Features include two undervoltage detectors,
one fixed and one adjustable, and a choice of reset
outputs. One undervoltage detector compares VDD against
a fixed threshold. Ten factory-programmed thresholds are
available. The second, user-adjustable input is compared
against a 300mV reference. This low reference voltage
allows for the monitoring of voltages lower than those
supported by previous supervisor ICs.
The reset outputs are asserted at power-on and at any
time either voltage drops below the programmed threshold
voltage and remains asserted for 140ms (min.) after they
subsequently rise back above the threshold boundaries.
Manual reset functionality can be provided by a switch
connected between ground and the /MR input. A wide
choice of voltage thresholds provides for a variety of
supply voltages and tolerances. Hysteresis is included to
prevent chattering due to noise. Typical supply current is a
low 3.5µA.
Datasheets and support documentation are available on
Micrel’s website at: www.micrel.com.
Features
• Monitors
two
independent
power
supplies
for
undervoltage conditions
• One fixed and one user-adjustable input
• Choice of ten factory-programmed thresholds
• Adjustable input can monitor supplies as low as 0.3V
• Generates 140ms (min.) power-on reset pulse
• Manual reset input
• Choice of active-high, active-low, or open-drain active-
low reset outputs
• Inputs may be pulled above V
DD (7V abs. max.)
• /RST output valid down to 1.2V
• Ultra-low supply current, 3.5µA typical
• Rejects brief input transients
• IttyBitty™ 5-pin SOT-23 package
• Pin-compatible upgrade for MAX6306/09/12
Applications
• Monitoring processor ASIC or FPGA core and I/O
voltages
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless/cellular systems
• Networking hardware
Typical Application


Similar Part No. - MIC2774H-22YM5TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2774H-22YM5-TR MICROCHIP-MIC2774H-22YM5-TR Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results

Similar Description - MIC2774H-22YM5TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774 Datasheet
381Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775_15 Datasheet
323Kb / 9P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_06 Datasheet
164Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775_09 Datasheet
356Kb / 7P
   Micro-Power Voltage Supervisor
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com