Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L01B-70LL Datasheet(PDF) 4 Page - Winbond

Part # W24L01B-70LL
Description  128K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L01B-70LL Datasheet(HTML) 4 Page - Winbond

  W24L01B-70LL Datasheet HTML 1Page - Winbond W24L01B-70LL Datasheet HTML 2Page - Winbond W24L01B-70LL Datasheet HTML 3Page - Winbond W24L01B-70LL Datasheet HTML 4Page - Winbond W24L01B-70LL Datasheet HTML 5Page - Winbond W24L01B-70LL Datasheet HTML 6Page - Winbond W24L01B-70LL Datasheet HTML 7Page - Winbond W24L01B-70LL Datasheet HTML 8Page - Winbond W24L01B-70LL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
W24L01
- 4 -
AC Characteristics, continued
(VSS = 0V; TA (
°C) = 0 to 70 for LL, -20 to 85 for LE, -40 to 85 for LI)
Read Cycle
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Read Cycle Time
TRC
55
-
70
-
nS
Address Access Time
TAA
-
55
-
70
nS
Chip Select Access Time
TACS
-
55
-
70
nS
Output Enable to Output Valid
TAOE
-
30
-
35
nS
Chip Selection to Output in Low Z
TCLZ*
10
-
10
-
nS
Output Enable to Output in Low Z
TOLZ*
5
-
5
-
nS
Chip Deselection to Output in High Z
TCHZ*
-
25
-
30
nS
Output Disable to Output in High Z
TOHZ*
-
25
-
30
nS
Output Hold from Address Change
TOH
5
-
10
-
nS
∗ These parameters are sampled but not 100% tested
Write Cycle
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Write Cycle Time
TWC
55
-
70
-
nS
Chip Selection to End of Write
TCW
50
-
60
-
nS
Address Valid to End of Write
TAW
50
-
60
-
nS
Address Setup Time
TAS
0
-
0
-
nS
Write Pulse Width
TWP
40
-
55
-
nS
Write Recovery Time
CS1, CS2, WE
TWR
0
-
0
-
nS
Data Valid to End of Write
TDW
30
-
30
-
nS
Data Hold from End of Write
TDH
0
-
0
-
nS
Write to Output in High Z
TWHZ*
-
20
-
25
nS
Output Disable to Output in High Z
TOHZ*
-
20
-
25
nS
Output Active from End of Write
TOW
5
-
5
-
nS
∗ These parameters are sampled but not 100% tested


Similar Part No. - W24L01B-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010AJ-10 WINBOND-W24L010AJ-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L01B-70LL

ManufacturerPart #DatasheetDescription
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com