Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.7410 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.7410
Description  Subminiature Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.7410 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.7410 Datasheet HTML 1Page - Schurter Inc. 0034.7410 Datasheet HTML 2Page - Schurter Inc. 0034.7410 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FUSES / SICHERUNGEN
FWT
Non resettable fuses / Nicht rückstellende Sicherungen
www.schurter.com
74
Subminiature Fuses
Type FWT
time-lag T
directly solderable into
printed circuit boards
Kleinstsicherungen
Typ FWT
träge T
direkt einlötbar in
Leiterplatten
1 · In
2 · In
50 mA – 6,3 A
> 4 h
< 60 s
Rated
current I
n /
Nennstrom I
n
n · In
Pre-arcing time/current
Zeit-Strom-Charakteristik
characteristic (at Ta 23 °C)
(bei Tu 23 °C)
* Non fusing current Inf / Kleiner Prüfstrom Inf
Multiple of rated current I
n
Vielfaches des Nennstromes I
n
Order No. /
Rated current I
n
Breaking capacity /
Voltage drop /
Sustained
Pre-arcing
Approvals /
Rated voltage U
n /
power dissipation / l2t /
Bestell-Nr.
Nennstrom I
n
Ausschaltvermögen Spannungsfall
Verlustleistung
Schmelz I2t
Approba-
Nennspannung U
n
at / bei I
n
at / bei 1 I
n
at / bei
tionen
max.
max.
10 · I
n
mV
mW
max. A2s
0034.7501
0.050 A / 125 V
900
45
5.6 · 10-3
••
0034.7502
0.063 A / 125 V
800
50
9.0 · 10-3
••
0034.7503
0.080 A / 125 V
700
55
1.4 · 10-2
••
0034.7504
0.100 A / 125 V
600
60
2.5 · 10-2
••
0034.7505
0.125 A / 125 V
550
70
4.4 · 10-2
••
0034.7506
0.160 A / 125 V
480
80
5.8 · 10-2
••
0034.7507
0.200 A / 125 V
390
80
1.0 · 10-1
••
0034.7508
0.250 A / 125 V
350
90
1.7 · 10-1
••
0034.7509
0.315 A / 125 V
300
95
2.6 · 10-1
••
0034.7510
0.400 A / 125 V
250
100
3.2 · 10-1
••
0034.7511
0.500 A / 125 V
220
110
5.8 · 10-1
••
0034.7512
0.630 A / 125 V
210
135
7.5 · 10-1
••
0034.7513
0.800 A / 125 V
160
130
9.8 · 10-1
••
0034.7514
1 A / 125 V
155
155
2.8 · 10 0
••
0034.7515
1.25 A / 125 V
145
185
3.8 · 10 0
••
0034.7516
1.6 A / 125 V
130
210
5.2 · 10 0
••
0034.7517
2 A / 125 V
125
250
7.5 · 10 0
••
0034.7518
2.5 A / 125 V
120
300
1.4 · 10 1
••
0034.7519
3.15 A / 125 V
110
350
2.2 · 10 1
••
0034.7520
4 A / 125 V
110
400
2.7 · 10 1
••
0034.7521
5 A / 125 V
95
475
5.9 · 10 1
••
0034.7522
6.3 A / 125 V
95
570
1.0 · 10 2
••
Approvals / Approbationen
100 A / 125 V AC
p.f. / cos
1
C
Standards / Normen
UL 248-14; CSA C22.2
Nr 248.14
max. 8.5
Ø 0.6
5.08
1.5
max. 4
Additional technical data and packaging see page 75 / Zusätzliche technische Daten und Verpackung siehe Seite 75


Similar Part No. - 0034.7410

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.7103 SCHURTER-0034.7103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
0034.7103 SCHURTER-0034.7103 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
0034.7104 SCHURTER-0034.7104 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
0034.7104 SCHURTER-0034.7104 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
0034.7105 SCHURTER-0034.7105 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
More results

Similar Description - 0034.7410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com