Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX81112 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX81112
Description  Single Channel LIN RGB Controller Gen 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81112 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX81112 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MLX81112/15
Single and Dual Channel LIN RGB Controller
Short Datasheet
REVISION 001 –DECEMBER 2016
Page 7 of 14
[1]
ISO 7637 test pulses are applied to VS via a reverse polarity diode and >1µF blocking capacitor;
[2]
ISO 7637 test pulses are applied to LIN via a coupling capacitance of 1nF;
[3]
Simulated value for low conductance board (JEDEC).
[4]
Equivalent to discharging a 150pF capacitor through a 330Ω resistor;
[5]
Based on the evaluation results, additional external protection components might be recommended to reach the
specified system ESD levels.
[6]
Equivalent to discharging a 100pF capacitor through a 1.5kΩ resistor conform to MIL STD 883 method 3015.7.
4. Operating conditions
The IC can have 6 different hardware modes. The exact functionality of these modes depends on the
hardware and software configuration:
Reset:
o
Triggered by hardware. When VS or VDDA or VDDD drop below a critical level, the complete
chip is powered down.
o
The analogue and digital supply regulators are disabled. No functionality is available in this
mode.
Normal mode. Main application running
o
Microcontroller fully functional
o
Analogue fully functional
Low power mode (managed via firmware). Digital part running at lower frequency (250kHz)
o
Microcontroller fully functional
o
LIN not possible
o
Analogue fully functional
Under voltage: triggered by the hardware under voltage detection interrupt
o
Microcontroller fully functional.
o
Power down behavior can be managed via software.
o
Reduced current capability on HVx below VS=5.5V.
Over voltage: triggered by the hardware over voltage detection interrupt.
o
Microcontroller fully functional
o
Behaviour can be managed via software.
Sleep Mode: Triggered by the software.
o
Microcontroller powered down
o
Digital and analogue supply powered down.
o
Sleep Mode and wake-up functionality running on help supply Vaux
Parameter
Symbol
Conditions
Min
Limit
Typ
Max
Unit
Supply Voltage Range
VS
5.5
18
V
Ambient Temperature
TA
-40
125
°C
Table 1 – Operating conditions


Similar Part No. - MLX81112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81100 MELEXIS-MLX81100 Datasheet
400Kb / 15P
   LIN Slave for FET Control
MLX81100KLQBAA000RE MELEXIS-MLX81100KLQBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KLQBAA000TU MELEXIS-MLX81100KLQBAA000TU Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000RE MELEXIS-MLX81100KPFBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000TR MELEXIS-MLX81100KPFBAA000TR Datasheet
393Kb / 19P
   DC-Motor Controller
More results

Similar Description - MLX81112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
SiGe Semiconductor, Inc...
AATIAN79 SIGE-AATIAN79 Datasheet
239Kb / 4P
   Single RGB Controller
logo
Advanced Analogic Techn...
AAT4295 ANALOGICTECH-AAT4295 Datasheet
236Kb / 16P
   Single/Dual RGB Controller
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
NCV7430 ONSEMI-NCV7430_17 Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
   USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
logo
SiGe Semiconductor, Inc...
AATIAN81 SIGE-AATIAN81 Datasheet
226Kb / 4P
   Dual RGB Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
OptoSupply Internationa...
OSUBECX OPTOSUPPLY-OSUBECX Datasheet
45Kb / 2P
   Memory RGB controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com