Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX81112 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX81112
Description  Single Channel LIN RGB Controller Gen 2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX81112 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX81112 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX81112 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MLX81112/15
Single and Dual Channel LIN RGB Controller
Short Datasheet
REVISION 001 –DECEMBER 2016
Page 8 of 14
5. Typical application examples
The following section shows typical application examples. Please refer to additional Melexis application notes
for more details. The signal order in all application diagrams does not reflect any pin order of the device. The
following application diagrams are only principle examples, showing how the controller could be embedded
into a system. Detailed application data must be worked out by customers to meet the needs of their dedicated
application.
Application Example MLX81112
MLX81112
LIN_IN
GND
VS
180p
HV3
47nF
2.2µF
VBat
HV1
HV2
VS
HV0
VS
VS
LIN_OUT
0 ... 48mA
0 ... 48mA
0 ... 48mA
Figure 3 – RGB LED application controlled via LIN bus
MLX81112 is perfectly suited to build highly integrated RGB LED modules.
The PWM output stages allow excellent color and brightness control. The integrated flow current measurement
units can be used to react on aging or other effects of the diodes over life time. For this the initial voltage drop
for a certain forward current is stored in the flash during EOL at customer side, which can be used later to
detect any change in the diode characteristics and adapt the control algorithms accordingly.


Similar Part No. - MLX81112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81100 MELEXIS-MLX81100 Datasheet
400Kb / 15P
   LIN Slave for FET Control
MLX81100KLQBAA000RE MELEXIS-MLX81100KLQBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KLQBAA000TU MELEXIS-MLX81100KLQBAA000TU Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000RE MELEXIS-MLX81100KPFBAA000RE Datasheet
393Kb / 19P
   DC-Motor Controller
MLX81100KPFBAA000TR MELEXIS-MLX81100KPFBAA000TR Datasheet
393Kb / 19P
   DC-Motor Controller
More results

Similar Description - MLX81112

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
SiGe Semiconductor, Inc...
AATIAN79 SIGE-AATIAN79 Datasheet
239Kb / 4P
   Single RGB Controller
logo
Advanced Analogic Techn...
AAT4295 ANALOGICTECH-AAT4295 Datasheet
236Kb / 16P
   Single/Dual RGB Controller
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
NCV7430 ONSEMI-NCV7430_17 Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
logo
GENESYS LOGIC
GL3590 GENESYS-GL3590 Datasheet
1Mb / 47P
   USB 3.1 Gen 2 Hub Controller
Revision 1 7 0 May 08 , 20 20
logo
SiGe Semiconductor, Inc...
AATIAN81 SIGE-AATIAN81 Datasheet
226Kb / 4P
   Dual RGB Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
OptoSupply Internationa...
OSUBECX OPTOSUPPLY-OSUBECX Datasheet
45Kb / 2P
   Memory RGB controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com