Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.2306.22 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3404.2306.22
Description  Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2306.22 Datasheet(HTML) 3 Page - Schurter Inc.

  3404.2306.22 Datasheet HTML 1Page - Schurter Inc. 3404.2306.22 Datasheet HTML 2Page - Schurter Inc. 3404.2306.22 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
OMK 125
www.schurter.com /PG01_2
Fuses
Fuse
Holder
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t 4.0
In typ. [A²s]
Order Number
l
l
0.63
125
125
1)
290
180
0.02 3404.2308.23
l
l
0.75
125
125
1)
260
200
0.031 3404.2346.11
l
l
0.75
125
125
1)
260
200
0.031 3404.2346.22
l
l
0.75
125
125
1)
260
200
0.031 3404.2346.23
l
l
1
125
125
1)
220
220
0.078 3404.2309.11
l
l
1
125
125
1)
220
220
0.078 3404.2309.22
l
l
1
125
125
1)
220
220
0.078 3404.2309.23
l
l
1.25
125
125
1)
220
280
0.14 3404.2310.11
l
l
1.25
125
125
1)
220
280
0.14 3404.2310.22
l
l
1.25
125
125
1)
220
280
0.14 3404.2310.23
l
l
1.5
125
125
1)
200
300
0.24 3404.2347.11
l
l
1.5
125
125
1)
200
300
0.24 3404.2347.22
l
l
1.5
125
125
1)
200
300
0.24 3404.2347.23
l
l
1.6
125
125
1)
200
320
0.27 3404.2311.11
l
l
1.6
125
125
1)
200
320
0.27 3404.2311.22
l
l
1.6
125
125
1)
200
320
0.27 3404.2311.23
l
l
2
125
125
1)
200
400
0.44 3404.2312.11
l
l
2
125
125
1)
200
400
0.44 3404.2312.22
l
l
2
125
125
1)
200
400
0.44 3404.2312.23
l
l
2.5
125
125
1)
190
480
0.97 3404.2313.11
l
l
2.5
125
125
1)
190
480
0.97 3404.2313.22
l
l
2.5
125
125
1)
190
480
0.97 3404.2313.23
l
l
3
125
125
1)
190
570
1.3 3404.2314.11
l
l
3
125
125
1)
190
570
1.3 3404.2314.22
l
l
3
125
125
1)
190
570
1.3 3404.2314.23
l
l
3.15
125
125
1)
190
600
1.2 3404.2348.11
l
l
3.15
125
125
1)
190
600
1.2 3404.2348.22
l
l
3.15
125
125
1)
190
600
1.2 3404.2348.23
l
l
3.5
125
125
1)
140
490
1.6 3404.2315.11
l
l
3.5
125
125
1)
140
490
1.6 3404.2315.22
l
l
3.5
125
125
1)
140
490
1.6 3404.2315.23
l
l
4
125
125
1)
140
560
2.1 3404.2316.11
l
l
4
125
125
1)
140
560
2.1 3404.2316.22
l
l
4
125
125
1)
140
560
2.1 3404.2316.23
l
l
5
125
125
1)
140
700
2.9 3404.2317.11
l
l
5
125
125
1)
140
700
2.9 3404.2317.22
l
l
5
125
125
1)
140
700
2.9 3404.2317.23
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 100 A @ 125 VAC/DC
Packaging Unit
.xx = .11 Plastic Bag (100 pcs.)
.xx = .22 Blister Tape 33 cm Reel (750 pcs.)
.xx = .23 Blister Tape 38 cm Reel (1500 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3404.2306.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2306.xx SCHURTER-3404.2306.xx Datasheet
290Kb / 2P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results

Similar Description - 3404.2306.22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMK125 SCHURTER-OMK125 Datasheet
290Kb / 2P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK125 SCHURTER-OMK125_V02 Datasheet
304Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMK125 SCHURTER-OMK125_18 Datasheet
223Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK125 SCHURTER-OMK125_V01 Datasheet
242Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMK63 SCHURTER-OMK63_16 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MKF SCHURTER-MKF Datasheet
400Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125 Datasheet
463Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com