Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX80020 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX80020
Description  Enhanced LIN Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80020 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX80020 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX80020 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MLX80020
Enhanced LIN Transceiver
MLX80020
– Datasheet
Page 7 of 26
3901080020
November 2015
Rev 006
Parameter
Symbol
Condition
Min
Max
Unit
Maximum latch - up free current at any Pin
ILATCH
-500
500
mA
Thermal impedance
JA
in free air
152
K/W
Storage temperature
Tstg
-55
150
°C
Junction temperature
Tvj
-40
150
°C
[1]
ISO 7637/2 test pulses are applied to VS via a reverse polarity diode and >2uF blocking capacitor.
[2]
ISO 7637/3 test pulses are applied to LIN via a coupling capacitance of 100nF.
[3]
ISO 7637/3 test pulses are applied to LIN via a coupling capacitance of 1nF. ISO 7637/2 test pulses are applied to VS via a
reverse polarity diode and >10uF blocking capacitor
3.3
Static Characteristics
Unless otherwise specified all values in the following tables are valid for VS = 5 to 27V and
TJ= -40 to 150°C. Typical values are valid for VS = 12V and TAMB= 25°C. All voltages are referenced to
ground (GND), positive currents are flow into the IC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN VS
Power on reset
VS_POR
2.4
4.8
V
Power on reset hysteresis
VS_POR_hys
0.1
0.3
0.7
V
Undervoltage lockout
VS_UV
4.2
4.9
V
Undervoltage lockout hysteresis
VS_UV_hys
0.1
0.3
0.7
V
Supply current, sleep mode
ISsl
VEN = 0V,
VWAKE = VS = VLIN <14V
3
9
20
µA
Supply current standby mode
ISBY
VEN = 0V, after POR or WU
300
800
2000
µA
Supply current normal mode, dominant
ISd
VEN = 5V, VTxD = 0V
1
3
5
mA
Supply current normal mode, recessive
ISr
VEN = 5V, VTxD = 5V
300
800
2000
µA
PIN LIN – Transmitter
Short circuit bus current
IBUS_LIM
VLIN = VS, VEN = 5V,VTxD = 0V
40
200
mA
Pull up resistance bus, normal & standby
mode
RSLAVE
20
60
Pull up current bus, sleep mode
IBUS_SLEEP
VLIN = 0, VS = 12V, VEN = 5V,
VTxD = 5V
-100
-20
µA
Input Leakage current at the receiver incl.
pull-up resistor
IBUS_PAS_dom VLIN =0V ,VS =12V, VEN = 5V,
VTxD = 5V
-600
µA
Bus reverse current, recessive
IBUS_PAS_rec V
LIN
=18V, VS =5V, VEN = 5V,
VTxD = 5V, Tamb<125°C
20
µA
Bus reverse current loss of battery [2]
IBUS_NO_BAT VS = 0V, 0V < VLIN < 18V
Tamb<125°C
20
µA
Bus current during loss of ground [2]
IBUS_NO_GND VS = 12V,
0 < VLIN < 18V
-100
20
µA
Transmitter dominant voltage [2]
VolBUS
Rload = 500
0
0.2 VS
V


Similar Part No. - MLX80020

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80001 MELEXIS-MLX80001 Datasheet
861Kb / 28P
   4-channel Master LIN Transceiver
MLX80001KLQD MELEXIS-MLX80001KLQD Datasheet
861Kb / 28P
   4-channel Master LIN Transceiver
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80002KLWCAA-001RE MELEXIS-MLX80002KLWCAA-001RE Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
More results

Similar Description - MLX80020

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
NCV7382 ONSEMI-NCV7382_07 Datasheet
212Kb / 16P
   Enhanced LIN Transceiver
February, 2007 ??Rev. 3
logo
Melexis Microelectronic...
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com