Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX80004KLWBAA-001RE Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX80004KLWBAA-001RE
Description  Enhanced Universal Dual/Quad LIN Transceiver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80004KLWBAA-001RE Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX80004KLWBAA-001RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX80004KLWBAA-001RE Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MLX80002/MLX80004
Enhanced Universal Dual/Quad LIN Transceiver
Datasheet
Revision 021 – Sept 2016
Page 7 of 38
7. Electrical Specification
All voltages are referenced to ground (GND). Positive currents flow into the IC.
The absolute maximum ratings (in accordance with IEC 60 134) given in the table below are limiting values that do not
lead to a permanent damage of the device but exceeding any of these limits may do so. Long term exposure to limiting
values may affect the reliability of the device.
7.1. Operating Conditions
Table 2: Operating Conditions
Nr.
Parameter
Symbol
Min
Max
Unit
Remark
101
Battery supply voltage [1] [2]
VS
5
27
V
102
Extended battery supply voltage
Vs_NON_OP
5
40
V
Parameter deviations
allowed
103
Operating ambient temperature
Tamb
-40
+125
°C
104
Voltage on low voltage I/Os (RxDx, TxDx,
MODEx
RxDx, TxDx,
MODEx
-0.3
5.5
V
[1]
Vs is the IC supply voltage including voltage drop of reverse battery protection diode, VDROP = 0.4 to 1V,
[2]
Operating voltage range of the LIN2.x/SAE J2602 plug & play specification is
7V…18V


Similar Part No. - MLX80004KLWBAA-001RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
More results

Similar Description - MLX80004KLWBAA-001RE

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80020 MELEXIS-MLX80020 Datasheet
781Kb / 26P
   Enhanced LIN Transceiver
logo
ON Semiconductor
NCV7382 ONSEMI-NCV7382 Datasheet
112Kb / 16P
   Enhanced LIN Transceiver
May, 2004 ??Rev. P1
NCV7382 ONSEMI-NCV7382_07 Datasheet
212Kb / 16P
   Enhanced LIN Transceiver
February, 2007 ??Rev. 3
logo
ELMOS Semiconductor AG
E521.50 ELMOS-E521.50 Datasheet
124Kb / 2P
   Quad LIN Transceiver
logo
NXP Semiconductors
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
   Quad LIN master transceiver
logo
ON Semiconductor
NCV7422 ONSEMI-NCV7422 Datasheet
290Kb / 12P
   LIN Transceiver, Dual
August, 2019 ??Rev. 0
logo
ATMEL Corporation
ATA6670 ATMEL-ATA6670_14 Datasheet
738Kb / 19P
   Dual LIN Transceiver
logo
NXP Semiconductors
SJA1124 NXP-SJA1124_V01 Datasheet
629Kb / 54P
   Quad LIN commander transceiver with LIN commander controller
Rev. 2 - 26 August 2022
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com