Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFVS.210 Datasheet(PDF) 1 Page - Schurter Inc.

Part # PFVS.210
Description  Axial leaded PTC-Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFVS.210 Datasheet(HTML) 1 Page - Schurter Inc.

  PFVS.210 Datasheet HTML 1Page - Schurter Inc. PFVS.210 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FUSES
PFVS
Resettable fuses
www.schurter.com
30
Axial leaded
PTC-Fuses
Type PFVS
Fully compatible with cur-
rent industry standards
Weldable nickel terminals
Very low internal resistance
Low switching temperature
Lead-free
Agency recognition:
UL,CSA, TÜV
Typical Time to Trip at 23 ˚C
Dimensions
Applications
• Any application that requires
protection at low resistances
• Rechargeable battery packs
• Cellular phones
• Laptop computers
Test Procedures And Requirements For Model PFVS Series
Test / Test
Test Conditions / Bedingungen
Accept/Reject Criteria
Visual/Mech. / visuell/mech.
Verify dimensions and materials / Kontrolle Abmess./Mat. Per MF physical description
Resistance / Widerstand
In still air @ 23 °C / bei ruhiger Luft 23 °C
Rmin
≤ R ≤ Rmax
Time to Trip / Trip-Zeit
At specified current, Vmax 23 °C / Bei entsprech. Strom
T
≤ max. time to trip
(sec.)
Hold Current / Haltest
hold / bei Haltestrom
No trip
rom
30 min. at I
Trip Cycle Life / Trip-Zyklen
Vmax, Imax, 100 cycles / Zyklen
No arcing or burning
Trip Endurance / Zeit im Tripzustand
Vmax, 48 hours / Stunden
No arcing or burning
Environmental Characteristics
Operating/Storage Temperature / Einsatz/Lagertemp.
–40 °C to +85 °C
Maximum Device Surface Temperature in Tripped State /
125 °C
Passive Aging / passive Alterung
+60 °C, 1000 hours / Std.
± 10% typ. resist. change
Humidity Aging / Feuchtigkeitsalterung
+60 °C, 85% R.H. 1000 hours / Std. ± 10% typ. resist. change
Thermal Shock / Thermischer Schock )
MIL-STD-202F, Method 107G
± 5% typ. resist. change
+85 °C/–40 °C 10 times
Vibration
MIL-STD-883C,
No change
Condition A
Typical Part Marking
Layout may vary
Manufacturer’s Trademark
Lot No. (T = Taiwan, S = Xiamen)
Date code (First digit = Last digit of
year; next three digits = day of year)
50
75
100
Fault current (A)
1
10
100
100
10
1
0.1
0.01
0.001
A
A
SLIT 0.5
x 4.0
Nominal
(.020)
(.157)
B
F
D
D
C
A
A
B
F
D
D
C
Part identification
n
Pb


Similar Part No. - PFVS.210

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PFV218N50 FAIRCHILD-PFV218N50 Datasheet
839Kb / 10P
   500V N-Channel MOSFET
logo
RUBYCON CORPORATION
PFV RUBYCON-PFV_15 Datasheet
181Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
More results

Similar Description - PFVS.210

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFST SCHURTER-PFST Datasheet
103Kb / 2P
   Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
   Axial leaded PTC-Fuses
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
   Axial leaded PTC-Fuses
PFRT SCHURTER-PFRT Datasheet
113Kb / 2P
   Wire leaded PTC-Fuses
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
   Axial Leaded PTC FLR Series
FSR120 DBLECTRO-FSR120 Datasheet
107Kb / 3P
   Axial Leaded PTC FSR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
   Axial Leaded PTC FLT Series
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
   Axial Leaded PTC Resettable Fuse: FLR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
   Axial Leaded PTC Resettable Fuse: FVT Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com