Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W24L01B-55LE Datasheet(PDF) 1 Page - Winbond

Part # W24L01B-55LE
Description  128K X 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W24L01B-55LE Datasheet(HTML) 1 Page - Winbond

  W24L01B-55LE Datasheet HTML 1Page - Winbond W24L01B-55LE Datasheet HTML 2Page - Winbond W24L01B-55LE Datasheet HTML 3Page - Winbond W24L01B-55LE Datasheet HTML 4Page - Winbond W24L01B-55LE Datasheet HTML 5Page - Winbond W24L01B-55LE Datasheet HTML 6Page - Winbond W24L01B-55LE Datasheet HTML 7Page - Winbond W24L01B-55LE Datasheet HTML 8Page - Winbond W24L01B-55LE Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
W24L01
128K
× 8 CMOS STATIC RAM
Publication Release Date: January 2, 2002
- 1 -
Revision A6
GENERAL DESCRIPTION
The W24L01 is a normal-speed, very low-power CMOS static RAM organized as 131072
× 8 bits that
operates on a wide voltage range from 2.7V to 3.6V power supply. The W24L01 family, W24L01-LE
and W24L01-LI, can meet the requirement of various operating temperature. This device is
manufactured using Winbond's high performance CMOS technology.
FEATURES
Low power consumption
Access time: 55 nS /70 nS
2.7V to 3.6V supply voltage
Fully static operation
All inputs and outputs directly TTL compatible
Three-state outputs
Battery back-up operation capability
Data retention voltage: 1.5V (min.)
Packaged in 32-pin 450 mil SOP, standard type
one TSOP (8 mm
× 20 mm), small type one
TSOP (8 mm
× 13.4 mm) and 48-pin CSP
PIN CONFIGURATIONS
BLOCK DIAGRAM
48-pin CSP TOP VIEW
1
2
3
4
5
6
A
A0
A1
CS2
A3
A6
A8
B
I/O5
A2
WE
A4
A7
I/O1
C
I/O6
NC
A5
I/O2
D
VSS
VCC
E
VCC
VSS
F
I/O7
NC
NC
I/O3
G
I/O8
OE
CS1
A16
A15
I/O4
H
A9
A10
A11
A12
A13
A14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
SOP
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
Vss
I/O4
I/O5
I/O6
I/O7
I/O8
CS
1
A10
OE
A1
1
A9
A
8
A1
3
WE
CS2
A1
5
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
OE
A10
CS1
I/O7
I/O6
I/O5
I/O4
32-pin
TSOP
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
I/O8
A15
A12
A7
A6
A5
A4
V
CS2
WE
A13
A8
DD
A11
A9
A14
A16
VSS
I/O3
I/O2
I/O1
NC
CORE CELL ARRAY
1024 ROWS
128 X 8 COLUMNS
DATA
CNTRL.
CLK
GEN.
R
O
W
D
E
C
O
D
E
R
A15
I/O CKT.
COLUMN DECODER
WE
OE
CLK GEN.
PRECHARGE CKT.
A13 A8 A1A0 A11A10
CS1
CS2
A16
A14
A12
A4
A3
A2
A7
A6
A5
A9
I/O1
I/O8
:
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
− A16
Address Inputs
I/O1
− I/O8
Data Inputs/Outputs
CS , CS2
Chip Select Input
WE
Write Enable Input
OE
Output Enable Input
VDD
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - W24L01B-55LE

ManufacturerPart #DatasheetDescription
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-10 WINBOND-W24L010A-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-12 WINBOND-W24L010A-12 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010A-15 WINBOND-W24L010A-15 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L010AJ-10 WINBOND-W24L010AJ-10 Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
More results

Similar Description - W24L01B-55LE

ManufacturerPart #DatasheetDescription
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com