Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3413.0326.11 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3413.0326.11
Description  SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3413.0326.11 Datasheet(HTML) 1 Page - Schurter Inc.

  3413.0326.11 Datasheet HTML 1Page - Schurter Inc. 3413.0326.11 Datasheet HTML 2Page - Schurter Inc. 3413.0326.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
UST 1206
www.schurter.com /PG01_2
Fuses
SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
Exemplary part photo depending on
part no.
UL 248-14 · 32VAC · 63VDC · Time-Lag T
Description
- UL characteristic
- High melting I²t-values
- High current ratings up to 25 A
- Impermeable to potting compound
Standards
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- UL File Number: E41599
Applications
- Secondary Protection DC and AC
- Circuits with inrush
- LCD Backlight DC-AC Inverter
References
Packaging Details
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
32 VAC, 63 VDC
Rated current
7 - 25 A
Breaking Capacity
100 A - 600 A
Characteristic
Time-Lag T
Mounting
PCB,SMT
Admissible Ambient Air Temp. -55 °C to 90 °C
Climatic Category
55/090/21 acc. to IEC 60068-1
Material: Housing
Epoxyd Glass, UL 94V-0
Material: Terminals
Copper, Ni/Au-plated
Unit Weight
0.006 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Letter (see variants)
Soldering Methods
Reflow
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 +0/-5 °C / 30 sec acc. to IPC/JE-
DEC J-STD-020D, Level 1
Moisture Resistance Test
MIL-STD-202, Method 106E
(50 cycles in a temp./mister chamber)
Terminal Strength
MIL-STD-202, Method 211A
(Deflection of board 1 mm for 1 minute)
Case Resistance
acc. to EIA/IS-722, Test 4.7
>100 M
Ω (between leeds and body)
Resistance to Solvents
MIL-STD-202, Method 215A
Flammability
UL 94V-1
(acc. to EIA/IS-722, Test 4.12)
Dimension
3.2 mm
1.6
3.2
2.2
Reflow soldering pads
1.5
1.1


Similar Part No. - 3413.0326.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3413.0002.11 SCHURTER-3413.0002.11 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.22 SCHURTER-3413.0002.22 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.24 SCHURTER-3413.0002.24 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.26 SCHURTER-3413.0002.26 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
More results

Similar Description - 3413.0326.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UST1206 SCHURTER-UST1206_18 Datasheet
310Kb / 4P
   SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
   SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USI1206 SCHURTER-USI1206 Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com