Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3412.0114.26 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3412.0114.26
Description  Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3412.0114.26 Datasheet(HTML) 2 Page - Schurter Inc.

  3412.0114.26 Datasheet HTML 1Page - Schurter Inc. 3412.0114.26 Datasheet HTML 2Page - Schurter Inc. 3412.0114.26 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
USF 0603
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.5 A
0.75 A
1.0 A
1.5 A
2.0 A
2.5 A
3.0 A
3.5 A
4.0 A
5.0 A
0.1
10
1100
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 8.0
In typ. [A²s]
Order Number
0.5
32
63
F
1)
120
101
157
0.02
l
3412.0113.11
0.5
32
63
F
1)
120
101
157
0.02
l
3412.0113.22
0.5
32
63
F
1)
120
101
157
0.02
l
3412.0113.24
0.5
32
63
F
1)
120
101
157
0.02
l
3412.0113.26
0.75
32
63
G
1)
120
100
90
0.04
l
3412.0114.11
0.75
32
63
G
1)
120
100
90
0.04
l
3412.0114.22
0.75
32
63
G
1)
120
100
90
0.04
l
3412.0114.24
0.75
32
63
G
1)
120
100
90
0.04
l
3412.0114.26
1
32
63
H
1)
120
98
75
0.06
l
3412.0115.11
1
32
63
H
1)
120
98
75
0.06
l
3412.0115.22
1
32
63
H
1)
120
98
75
0.06
l
3412.0115.24
1
32
63
H
1)
120
98
75
0.06
l
3412.0115.26
1.5
32
63
K
1)
120
73
44
0.14
l
3412.0117.11
1.5
32
63
K
1)
120
73
44
0.14
l
3412.0117.22
1.5
32
63
K
1)
120
73
44
0.14
l
3412.0117.24
1.5
32
63
K
1)
120
73
44
0.14
l
3412.0117.26
2
32
32
N
1)
120
70
27.5
0.25
l
3412.0119.11
2
32
32
N
1)
120
70
27.5
0.25
l
3412.0119.22
2
32
32
N
1)
120
70
27.5
0.25
l
3412.0119.24
2
32
32
N
1)
120
70
27.5
0.25
l
3412.0119.26
2.5
32
32
O
1)
120
75
23.5
0.4
l
3412.0120.11
2.5
32
32
O
1)
120
75
23.5
0.4
l
3412.0120.22
2.5
32
32
O
1)
120
75
23.5
0.4
l
3412.0120.24
2.5
32
32
O
1)
120
75
23.5
0.4
l
3412.0120.26
3
32
32
P
1)
120
80
18.6
0.58
l
3412.0121.11
3
32
32
P
1)
120
80
18.6
0.58
l
3412.0121.22
3
32
32
P
1)
120
80
18.6
0.58
l
3412.0121.24
3
32
32
P
1)
120
80
18.6
0.58
l
3412.0121.26
3.5
32
32
R
1)
120
85
16
0.8
l
3412.0122.11


Similar Part No. - 3412.0114.26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3412.0114.26 ETC2-3412.0114.26 Datasheet
98Kb / 2P
   Non resettable fuses
More results

Similar Description - 3412.0114.26

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603 Datasheet
450Kb / 2P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com