Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3404.2410.11 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3404.2410.11
Description  Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2410.11 Datasheet(HTML) 2 Page - Schurter Inc.

  3404.2410.11 Datasheet HTML 1Page - Schurter Inc. 3404.2410.11 Datasheet HTML 2Page - Schurter Inc. 3404.2410.11 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
UMZ 250
www.schurter.com /PG01_2
Fuses
Pre-Arcing Time
Rated Current In
1.25 x In min. 2.0 x In max. 10.0 x In min. 10.0 x In max.
0.08 A - 4.0 A
60 min
120 s
10 ms
100 ms
Time-Current-Curves
1
10
0.1
0.0001
0.001
0.01
100
1000
10000
0.1
10
1
100
80 mA
100 mA
125 mA
160 mA
200 mA
250 mA
315 mA
400 mA
500 mA
630 mA
800 mA
1 A
1.25 A
1.6 A
2 A
2.5 A
3.15 A
4 A
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.25 In
max [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.08
250
125
2)
-
1030
-
0.022
l
3404.2405.11
0.08
250
125
2)
-
1030
-
0.022
l
3404.2405.22
0.1
250
125
1)
1300
850
200
0.04
l
l
3404.2406.11
0.1
250
125
1)
1300
850
200
0.04
l
l
3404.2406.22
0.125
250
125
1)
1000
700
200
0.055
l
l
3404.2407.11
0.125
250
125
1)
1000
700
200
0.055
l
l
3404.2407.22
0.16
250
125
1)
1000
540
240
0.057
l
l
3404.2408.11
0.16
250
125
1)
1000
540
240
0.057
l
l
3404.2408.22
0.2
250
125
1)
1000
460
500
0.092
l
l
3404.2409.11
0.2
250
125
1)
1000
460
500
0.092
l
l
3404.2409.22
0.25
250
125
1)
800
395
500
0.2
l
l
3404.2410.11
0.25
250
125
1)
800
395
500
0.2
l
l
3404.2410.22
0.315
250
125
1)
750
344
500
0.27
l
l
3404.2411.11
0.315
250
125
1)
750
344
500
0.27
l
l
3404.2411.22
0.4
250
125
1)
700
320
500
0.4
l
l
3404.2412.11
0.4
250
125
1)
700
320
500
0.4
l
l
3404.2412.22
0.5
250
125
1)
600
264
500
0.54
l
l
3404.2413.11
0.5
250
125
1)
600
264
500
0.54
l
l
3404.2413.22
0.63
250
125
1)
500
216
500
1.1
l
l
3404.2414.11
0.63
250
125
1)
500
216
500
1.1
l
l
3404.2414.22
0.8
250
125
1)
400
174
500
1.4
l
l
3404.2415.11
0.8
250
125
1)
400
174
500
1.4
l
l
3404.2415.22
1
250
125
1)
300
174
500
2.8
l
l
3404.2416.11


Similar Part No. - 3404.2410.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2411.xx SCHURTER-3404.2411.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2412.xx SCHURTER-3404.2412.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2413.xx SCHURTER-3404.2413.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2414.xx SCHURTER-3404.2414.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
3404.2415.xx SCHURTER-3404.2415.xx Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
More results

Similar Description - 3404.2410.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UMZ250 SCHURTER-UMZ250_18 Datasheet
329Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
UMZ250 SCHURTER-UMZ250_V02 Datasheet
340Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.1 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
04.01.2022
UMZ SCHURTER-UMZ Datasheet
393Kb / 3P
   Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
FUSEKITUMT250 SCHURTER-FUSEKITUMT250 Datasheet
229Kb / 2P
   Fuse Kit Surface Mount Fuse UMT 250 / UMZ 250
04.01.2022
UMK250 SCHURTER-UMK250_V02 Datasheet
347Kb / 4P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
04.01.2022
UMK250 SCHURTER-UMK250_16 Datasheet
303Kb / 3P
   Surface Mount Fuse with Clip, 4.2 x 11.3 mm, Quick-Acting F, UMK 250 = UMF 250 (Au) UMC 250
OMT SCHURTER-OMT Datasheet
426Kb / 2P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
SMD-SPT SCHURTER-SMD-SPT Datasheet
439Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
SMD-FST SCHURTER-SMD-FST Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
SMD-SPT SCHURTER-SMD-SPT_18 Datasheet
297Kb / 4P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com