Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3414.0115.26 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3414.0115.26
Description  Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3414.0115.26 Datasheet(HTML) 2 Page - Schurter Inc.

  3414.0115.26 Datasheet HTML 1Page - Schurter Inc. 3414.0115.26 Datasheet HTML 2Page - Schurter Inc. 3414.0115.26 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
USF 0402
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.1
0.0001
0.001
0.01
1
10
100
1000
10000
0.1
10
1
100
375 mA
500 mA
750 mA
1 A
1.5 A
2 A
2.5 A
3 A
4 A
5 A
Current in Amperes
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VDC]
Marking Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 8.0
In typ. [A²s]
Order Number
0.375
32
E
1)
90
70
173
0.003
l
3414.0112.11
0.375
32
E
1)
90
70
173
0.003
l
3414.0112.22
0.375
32
E
1)
90
70
173
0.003
l
3414.0112.24
0.375
32
E
1)
90
70
173
0.003
l
3414.0112.26
0.5
32
F
1)
90
67
124
0.004
l
3414.0113.11
0.5
32
F
1)
90
67
124
0.004
l
3414.0113.22
0.5
32
F
1)
90
67
124
0.004
l
3414.0113.24
0.5
32
F
1)
90
67
124
0.004
l
3414.0113.26
0.75
32
G
1)
90
63
78
0.009
l
3414.0114.11
0.75
32
G
1)
90
63
78
0.009
l
3414.0114.22
0.75
32
G
1)
90
63
78
0.009
l
3414.0114.24
0.75
32
G
1)
90
63
78
0.009
l
3414.0114.26
1
32
H
1)
90
63
57
0.016
l
3414.0115.11
1
32
H
1)
90
63
57
0.016
l
3414.0115.22
1
32
H
1)
90
63
57
0.016
l
3414.0115.24
1
32
H
1)
90
63
57
0.016
l
3414.0115.26
1.5
32
K
1)
90
62
37
0.029
l
3414.0117.11
1.5
32
K
1)
90
62
37
0.029
l
3414.0117.22
1.5
32
K
1)
90
62
37
0.029
l
3414.0117.24
1.5
32
K
1)
90
62
37
0.029
l
3414.0117.26
2
32
N
1)
90
58
26
0.044
l
3414.0119.11
2
32
N
1)
90
58
26
0.044
l
3414.0119.22
2
32
N
1)
90
58
26
0.044
l
3414.0119.24
2
32
N
1)
90
58
26
0.044
l
3414.0119.26
2.5
32
O
1)
90
59
21
0.06
l
3414.0120.11
2.5
32
O
1)
90
59
21
0.06
l
3414.0120.22
2.5
32
O
1)
90
59
21
0.06
l
3414.0120.24
2.5
32
O
1)
90
59
21
0.06
l
3414.0120.26
3
32
P
1)
90
52
17
0.098
l
3414.0121.11


Similar Part No. - 3414.0115.26

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3414.0115.xx SCHURTER-3414.0115.xx Datasheet
467Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0115.XX SCHURTER-3414.0115.XX Datasheet
335Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
More results

Similar Description - 3414.0115.26

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USF0402 SCHURTER-USF0402_18 Datasheet
869Kb / 3P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF SCHURTER-USF Datasheet
467Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
3414.0112.XX SCHURTER-3414.0112.XX_12 Datasheet
335Kb / 2P
   Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
USF0603 SCHURTER-USF0603 Datasheet
450Kb / 2P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com