Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3413.0219.24 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3413.0219.24
Description  Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3413.0219.24 Datasheet(HTML) 3 Page - Schurter Inc.

  3413.0219.24 Datasheet HTML 1Page - Schurter Inc. 3413.0219.24 Datasheet HTML 2Page - Schurter Inc. 3413.0219.24 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
USI 1206
www.schurter.com /PG01_2
Fuses
0.63
32
63
f
1)
500
170
230
0.076
l
l
3413.0214.26
0.8
32
63
g
1)
400
110
116
0.18
l
l
3413.0215.11
0.8
32
63
g
1)
400
110
116
0.18
l
l
3413.0215.22
0.8
32
63
g
1)
400
110
116
0.18
l
l
3413.0215.24
0.8
32
63
g
1)
400
110
116
0.18
l
l
3413.0215.26
1
32
63
h
1)
300
108
94.2
0.2
l
l
3413.0216.11
1
32
63
h
1)
300
108
94.2
0.2
l
l
3413.0216.22
1
32
63
h
1)
300
108
94.2
0.2
l
l
3413.0216.24
1
32
63
h
1)
300
108
94.2
0.2
l
l
3413.0216.26
1.25
32
63
i
1)
300
96.3
67
0.31
l
l
3413.0217.11
1.25
32
63
i
1)
300
96.3
67
0.31
l
l
3413.0217.22
1.25
32
63
i
1)
300
96.3
67
0.31
l
l
3413.0217.24
1.25
32
63
i
1)
300
96.3
67
0.31
l
l
3413.0217.26
1.6
32
63
k
1)
300
94.5
50.5
0.33
l
l
3413.0218.11
1.6
32
63
k
1)
300
94.5
50.5
0.33
l
l
3413.0218.22
1.6
32
63
k
1)
300
94.5
50.5
0.33
l
l
3413.0218.24
1.6
32
63
k
1)
300
94.5
50.5
0.33
l
l
3413.0218.26
2
32
63
m
1)
300
80.2
33.9
0.79
l
l
3413.0219.11
2
32
63
m
1)
300
80.2
33.9
0.79
l
l
3413.0219.22
2
32
63
m
1)
300
80.2
33.9
0.79
l
l
3413.0219.24
2
32
63
m
1)
300
80.2
33.9
0.79
l
l
3413.0219.26
2.5
32
63
n
1)
300
78.8
25.3
0.94
l
l
3413.0220.11
2.5
32
63
n
1)
300
78.8
25.3
0.94
l
l
3413.0220.22
2.5
32
63
n
1)
300
78.8
25.3
0.94
l
l
3413.0220.24
2.5
32
63
n
1)
300
78.8
25.3
0.94
l
l
3413.0220.26
3.15
32
63
p
1)
300
65.5
17.2
1.44
l
l
3413.0221.11
3.15
32
63
p
1)
300
65.5
17.2
1.44
l
l
3413.0221.22
3.15
32
63
p
1)
300
65.5
17.2
1.44
l
l
3413.0221.24
3.15
32
63
p
1)
300
65.5
17.2
1.44
l
l
3413.0221.26
4
32
63
r
1)
300
62.8
12.5
2.74
l
l
3413.0222.11
4
32
63
r
1)
300
62.8
12.5
2.74
l
l
3413.0222.22
4
32
63
r
1)
300
62.8
12.5
2.74
l
l
3413.0222.24
4
32
63
r
1)
300
62.8
12.5
2.74
l
l
3413.0222.26
5
32
63
s
1)
300
61.6
9.6
4.65
l
l
3413.0223.11
5
32
63
s
1)
300
61.6
9.6
4.65
l
l
3413.0223.22
5
32
63
s
1)
300
61.6
9.6
4.65
l
l
3413.0223.24
5
32
63
s
1)
300
61.6
9.6
4.65
l
l
3413.0223.26
6.3
32
63
t
1)
300
55.3
7.1
4.84
l
l
3413.0224.11
6.3
32
63
t
1)
300
55.3
7.1
4.84
l
l
3413.0224.22
6.3
32
63
t
1)
300
55.3
7.1
4.84
l
l
3413.0224.24
6.3
32
63
t
1)
300
55.3
7.1
4.84
l
l
3413.0224.26
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) UL: 63 A @ 32 VAC, 63 A @ 63 VDC
1) Additional internal testing: 150 A @ 24 VAC/DC, 400 A @ 12 VDC, 600 A @ 9 VDC
Packaging Unit
.xx = .11 Blister Tape of 100 pcs. in Plastic Bag
.xx = .22 Blister Tape 18 cm Reel (1000 pcs.)
.xx = .24 Blister Tape 25.4 cm Reel (5000 pcs.)
.xx = .26 Blister Tape 33 cm Reel (15000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3413.0219.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3413.0219.xx SCHURTER-3413.0219.xx Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
More results

Similar Description - 3413.0219.24

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USI1206 SCHURTER-USI1206 Datasheet
486Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_18 Datasheet
292Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF0603 SCHURTER-USF0603_V02 Datasheet
333Kb / 4P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
04.01.2022
USF0603 SCHURTER-USF0603_16 Datasheet
256Kb / 3P
   Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com