Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX10803 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX10803
Description  High power LED driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10803 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX10803 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10803 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
IC specification
MLX10803
High power LED driver
3901010803
Page 1/25
Data Sheet
Rev026
Jun/2012
Features
General
Low cost power LED driver for external n-channel MOSFET
switching transistor
6V to 32V DC input range
Applications from mA to several Ampere LED current
Possible temperature dependent regulation using external
Negative Temperature Coefficient (NTC) resistor
Small package allows compact module design with
minimised wire runs and short connections to achieve
improved EMC performance
Built-in randomiser for improved EMC performance
High temperature operation capable
Load dump protected to 80V
LED driver
High energy efficiency
PWM dimming via VS/PWM pin
Light output has minimised dependency on supply and
temperature variations
LED regulation parameters set with external resistors
1
2
3
4
8
7
6
5
VREF
IREF2
IREF1
DRVGATE
RSENSE
ROSC
GND
10803
(SOIC8)
VS/PWM
Ordering Code
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
MLX10803
K
DC
AAA-000
RE
Legend:
Temperature Code:
K for temperature -40°c to 125°c
Package Code:
DC for SOIC150Mil
Packing Form:
RE for reel
Ordering example:
MLX10803KDC-AAA-000-RE
General Description
The MLX10803 is a multi-purpose LED driver for high power LEDs designed for high current and high voltage
applications. The circuit is designed for demanding automotive applications and therefore suitable in all other high
intensity LED applications.
Numerous adjustment possibilities allow for the design of different LED applications using only a few external
components.
The circuit is load dump protected for 80V load dump pulse.


Similar Part No. - MLX10803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803 Datasheet
855Kb / 25P
   Automotive high power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
462Kb / 25P
   High power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
855Kb / 25P
   Automotive high power LED driver
MLX10803KDC ETC2-MLX10803KDC Datasheet
461Kb / 25P
   High power LED driver
More results

Similar Description - MLX10803

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com