Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI150SC-120 Datasheet(PDF) 3 Page - Fuji Electric

Part # 2MBI150SC-120
Description  IGBT MODULE ( S-Series )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI150SC-120 Datasheet(HTML) 3 Page - Fuji Electric

  2MBI150SC-120 Datasheet HTML 1Page - Fuji Electric 2MBI150SC-120 Datasheet HTML 2Page - Fuji Electric 2MBI150SC-120 Datasheet HTML 3Page - Fuji Electric 2MBI150SC-120 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2MBI 150SC-120
2-Pack IGBT
1200V
2x150A


Similar Part No. - 2MBI150SC-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI150SC-120 FUJI-2MBI150SC-120 Datasheet
654Kb / 4P
   IGBT Module
2MBI150SC-120 FUJI-2MBI150SC-120_01 Datasheet
654Kb / 4P
   IGBT Module
More results

Similar Description - 2MBI150SC-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI15S-120L FUJI-6MBI15S-120L Datasheet
88Kb / 2P
   IGBT MODULE ( S-Series )
2MBI150S-120 FUJI-2MBI150S-120 Datasheet
194Kb / 4P
   IGBT MODULE ( S-Series )
logo
List of Unclassifed Man...
7MBR30SA-060-50 ETC2-7MBR30SA-060-50 Datasheet
659Kb / 7P
   IGBT MODULE (S series)
logo
Fuji Electric
6MBI100S-120 FUJI-6MBI100S-120 Datasheet
510Kb / 4P
   IGBT MODULE(S series)
6MBI15S-120 FUJI-6MBI15S-120 Datasheet
541Kb / 4P
   IGBT MODULE ( S series)1200V / 15A
2MBI75S FUJI-2MBI75S Datasheet
297Kb / 4P
   IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A
7MBR10SA140 FUJI-7MBR10SA140 Datasheet
568Kb / 7P
   IGBT MODULE (S series) 1400V / 10A / PIM
6MBI100S-140 FUJI-6MBI100S-140_01 Datasheet
383Kb / 4P
   IGBT MODULE ( S series) 1400V / 100A 6 in one-package
1MBI200F-120 FUJI-1MBI200F-120 Datasheet
130Kb / 4P
   IGBT MODULE(F series)
1MBI200NA-120 FUJI-1MBI200NA-120 Datasheet
152Kb / 4P
   IGBT MODULE ( N series )
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com