Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC523 Datasheet(PDF) 8 Page - Micross Components

Part # HMC523
Description  Point-to-Point and Point-to-Multi-Point Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC523 Datasheet(HTML) 8 Page - Micross Components

  HMC523 Datasheet HTML 1Page - Micross Components HMC523 Datasheet HTML 2Page - Micross Components HMC523 Datasheet HTML 3Page - Micross Components HMC523 Datasheet HTML 4Page - Micross Components HMC523 Datasheet HTML 5Page - Micross Components HMC523 Datasheet HTML 6Page - Micross Components HMC523 Datasheet HTML 7Page - Micross Components HMC523 Datasheet HTML 8Page - Micross Components HMC523 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3
3 - 86
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RF
This pad is AC coupled and matched to
50 Ohms.
4LO
This pad is AC coupled and matched to
50 Ohms.
2 (5)
IF2
This pad is DC coupled. For applications not requir-
ing operation to DC, this port should be DC blocked
externally using a series capacitor whose value has
been chosen to pass the necessary IF frequency
range. For operation to DC, this pad must not
source/sink more than 3mA of current or die non-
function and possible die failure will result. Pads 5
and 6 are alternate IF ports.
3 (6)
IF1
GND
The backside of the die must be connected
to RF/DC ground.
Pad Descriptions
Assembly Diagrams
HMC523
v02.1007
GaAs MMIC I/Q MIXER
15 - 23.6 GHz


Similar Part No. - HMC523

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC523 HITTITE-HMC523 Datasheet
330Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523 HITTITE-HMC523 Datasheet
247Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523LC4 HITTITE-HMC523LC4 Datasheet
323Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23 GHz
HMC523LC4 HITTITE-HMC523LC4 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23 GHz
HMC523LC4 HITTITE-HMC523LC4_09 Datasheet
228Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23 GHz
More results

Similar Description - HMC523

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC365 MICROSS-HMC365 Datasheet
839Kb / 9P
   Piont-to-Point and Point-to-Multi-Point Radios
logo
API Technologies Corp
CMWD120 APITECH-CMWD120 Datasheet
114Kb / 1P
   Point to Point Radio Diplexer
CMWD124 APITECH-CMWD124 Datasheet
115Kb / 1P
   Point to Point Radio Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com