Electronic Components Datasheet Search |
|
HMC526 Datasheet(PDF) 7 Page - Micross Components |
|
HMC526 Datasheet(HTML) 7 Page - Micross Components |
7 / 9 page 3 3 - 103 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Harmonics of LO LO Freq. (GHz) nLO Spur at RF Port 1234 3.5 39 40 52 51 6.5 43 49 51 70 7.5 51 65 53 62 8.5 566156 50 9.5 47 57 65 63 10.5 45 55 59 46 LO = +19 dBm Values in dBc below input LO level measured at RF Port. MxN Spurious Outputs nLO mRF 0 1234 0xx 10 29 18 51 133046 77 68 299 71 75 70 99 3 97 101 100 86 101 499 98 98 102 107 RF = 7.6 GHz @ -10 dBm LO = 7.5 GHz @ +19 dBm Data taken without IF hybrid All values in dBc below IF power level Absolute Maximum Ratings RF / IF Input +20 dBm LO Drive +27 dBm Channel Temperature 150°C Continuous Pdiss (T=85°C) (derate 7.8 mW/°C above 85°C) 507 mW Thermal Resistance (R TH ) (junction to die bottom) 128 °C/W Storage Temperature -65 to +150 °C Operating Temperature -55 to +85 deg °C Outline Drawing NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM] 2. DIE THICKNESS IS .004” 3. TYPICAL BOND PAD IS .004” 4. BACKSIDE METALIZATION: GOLD 5. BOND PAD METALIZATION: GOLD 6. BACKSIDE METAL IS GROUND 7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS. 8. OVERALL DIE SIZE ±.002” Die Packaging Information [1] Standard Alternate GP-2 (Gel Pack) [2] [1] Refer to the “Packaging Information” section for die packaging dimensions. [2] For alternate packaging information contact Hittite Microwave Corporation. ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS HMC526 v01.1007 GaAs MMIC I/Q MIXER 6 - 10 GHz |
Similar Part No. - HMC526 |
|
Similar Description - HMC526 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |