Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC553 Datasheet(PDF) 7 Page - Micross Components

Part # HMC553
Description  Microwave Radio
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

HMC553 Datasheet(HTML) 7 Page - Micross Components

  HMC553 Datasheet HTML 1Page - Micross Components HMC553 Datasheet HTML 2Page - Micross Components HMC553 Datasheet HTML 3Page - Micross Components HMC553 Datasheet HTML 4Page - Micross Components HMC553 Datasheet HTML 5Page - Micross Components HMC553 Datasheet HTML 6Page - Micross Components HMC553 Datasheet HTML 7Page - Micross Components HMC553 Datasheet HTML 8Page - Micross Components HMC553 Datasheet HTML 9Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4
4 - 57
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. DIE THICKNESS IS .004”.
3. TYPICAL BOND PAD IS .004” SQUARE.
4. BOND PAD SPACING CENTER TO CENTER IS .006”.
5. BACKSIDE METALLIZATION: GOLD.
6. BOND PAD METALLIZATION: GOLD.
7. BACKSIDE METAL IS GROUND.
8. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
9. THIS DIE IS DESIGNED FOR PICK-UP WITH VACUUM (EDGE)
COLLET TOOLS. TO PRECLUDE THE RISK OF PERMANENT
DAMAGE, NO CONTACT TO THE DIE SURFACE IS ALLOWED
WITHIN THIS RECTANGULAR AREA.
Die Packaging Information [1]
Standard
Alternate
WP-7 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RF / IF Input
+25 dBm
LO Drive
+25 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 4.09 mW/°C above 85 °C)
266 mW
Thermal Resistance
(channel to die bottom)
244 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1C
HMC553
v02.1007
GaAs MMIC FUNDAMENTAL
MIXER, 7 - 14 GHz


Similar Part No. - HMC553

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC553 HITTITE-HMC553 Datasheet
270Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553 Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
logo
Analog Devices
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
   6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
HMC553AG AD-HMC553AG Datasheet
488Kb / 27P
   6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
HMC553AG-SX AD-HMC553AG-SX Datasheet
488Kb / 27P
   6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
More results

Similar Description - HMC553

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
   Microwave Radio
HMC556 MICROSS-HMC556 Datasheet
885Kb / 9P
   Microwave Radio
HMC203 MICROSS-HMC203 Datasheet
753Kb / 7P
   Microwave Radio
logo
Analog Devices
HMC636ST89 AD-HMC636ST89 Datasheet
393Kb / 6P
   Microwave Radio
HMC311LP3 AD-HMC311LP3 Datasheet
360Kb / 6P
   Microwave Radio
logo
Micross Components
HMC557 MICROSS-HMC557 Datasheet
876Kb / 9P
   Microwave Radio
HMC554 MICROSS-HMC554 Datasheet
874Kb / 9P
   Microwave Radio
HMC558 MICROSS-HMC558 Datasheet
878Kb / 9P
   Microwave Radio
logo
Analog Devices
HMC311ST89 AD-HMC311ST89 Datasheet
356Kb / 6P
   Microwave Radio
HMC1093 AD-HMC1093 Datasheet
581Kb / 10P
   42 GHz Microwave Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com