Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QH8K26 Datasheet(PDF) 4 Page - Rohm

Part # QH8K26
Description  40V Nch Nch Small Signal MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QH8K26 Datasheet(HTML) 4 Page - Rohm

  QH8K26 Datasheet HTML 1Page - Rohm QH8K26 Datasheet HTML 2Page - Rohm QH8K26 Datasheet HTML 3Page - Rohm QH8K26 Datasheet HTML 4Page - Rohm QH8K26 Datasheet HTML 5Page - Rohm QH8K26 Datasheet HTML 6Page - Rohm QH8K26 Datasheet HTML 7Page - Rohm QH8K26 Datasheet HTML 8Page - Rohm QH8K26 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
QH8K26
           
               
Datasheet
l
lElectrical characteristic curves
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal  
       Resistance vs. Pulse Width
Fig.4 Single Pulse Maximum Power     
    dissipation
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
4/11
20161028 - Rev.001


Similar Part No. - QH8K26

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8K22 ROHM-QH8K22 Datasheet
2Mb / 15P
   40V NchNch Small Signal MOSFET
More results

Similar Description - QH8K26

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KB5 ROHM-QH8KB5 Datasheet
2Mb / 14P
   40V NchNch Small Signal MOSFET
QH8K22 ROHM-QH8K22 Datasheet
2Mb / 15P
   40V NchNch Small Signal MOSFET
QH8KB6 ROHM-QH8KB6 Datasheet
2Mb / 14P
   40V NchNch Small Signal MOSFET
QH8MB5 ROHM-QH8MB5 Datasheet
4Mb / 22P
   40V NchPch Small Signal MOSFET
QS8K2HZG ROHM-QS8K2HZG Datasheet
2Mb / 15P
   30V NchNch Small Signal MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
QS8K51 ROHM-QS8K51 Datasheet
2Mb / 13P
   100V NchNch Small Signal MOSFET
QH8KC6 ROHM-QH8KC6 Datasheet
2Mb / 14P
   60V NchNch Small Signal MOSFET
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
UM6K31NFHA ROHM-UM6K31NFHA Datasheet
2Mb / 13P
   NchNch 60V 250mA Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com