Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU94601KV Datasheet(PDF) 10 Page - Rohm

Part # BU94601KV
Description  AAC/WMA/MP3 SD Memory Card iPod
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU94601KV Datasheet(HTML) 10 Page - Rohm

Back Button BU94601KV_12 Datasheet HTML 6Page - Rohm BU94601KV_12 Datasheet HTML 7Page - Rohm BU94601KV_12 Datasheet HTML 8Page - Rohm BU94601KV_12 Datasheet HTML 9Page - Rohm BU94601KV_12 Datasheet HTML 10Page - Rohm BU94601KV_12 Datasheet HTML 11Page - Rohm BU94601KV_12 Datasheet HTML 12Page - Rohm BU94601KV_12 Datasheet HTML 13Page - Rohm BU94601KV_12 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10/66
Datasheet
Datasheet
BU94601KV BU94603KV BU94604BKV
TSZ02201-0V2V0E600010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.07.12 Rev.001
www.rohm.com
TSZ22111・15・001
●Description of each block’s movement-part1
·
BU94601KV/BU94603KV/BU94604BKV are AAC+WMA+MP3 decoder IC in which a USB host I/F, SD memory card I/F,
audio DAC and system control functions are built.
Using a KEY or I
2C interface command, the IC reads out a MP3 file
written to a memory device having a USB I/F or a SD memory card.
All the operations required before the data can be
output to audio devices are incorporated into one chip. *BU94601KV supports only MP3.
·
Supporting STAND ALONE MODE which is enabled by commands entered from the keyboard (hereinafter referred to
as MODE1), AUTO SLAVE MODE which is enabled by commands entered from the master microcomputer, same as
those entered from the keyboard, via the built-in I
2C interface (hereinafter referred to as MODE2) and MANUAL SLAVE
MODE which can send the memory device information to the master microcomputer via the I
2C interface and
completely control sequences such as a play sequence by the master microcomputer (hereinafter referred to as
MODE3).
·
I
2C bus <-> USB protocol conversion function built into. *Only MODE2 and MODE3 of BU94604BKV.
·
Supporting fast forward playing and fast backward playing with music.
·
Supporting outputs folder names, file names, ID3TAG (V1.0, V1.1 V2.2 V2.3 and V2.4) information and WMA-TAG
information and AAC-TAG(iTunes Meta-data) information via the I
2C interface.
This function is enabled only in MODE
2 and MODE 3.
·
Supporting audio line output, digital audio output (I
2S, SPDIF).
·
Reading a specified file data is possible from USB memory.
*Only a file that exists in root folder corresponds.
1.
USB host I/F
·
Builds in the USB Full speed (12 Mbps) HOST control function.
·
Supports the USB mass storage class.
·
Convert the protocol from I
2C from USB(HID) and USB(HID) to I2C when communicating with the master
microcomputer.*
·
An isochronous IN transfer function to 192 byte/Frame is built into.*
.
Interrupt IN transfer function is built into.*
.
It doesn't correspond to external HUB.
* Only the device with two CONFIGURATIONS or more. Only BU94604BKV.
2.
SD card I/F
·
Supports the SPI mode.
·
Supports the MMC and mini-SD cards.
·
Supports the SDHC cards.
·
Supports the SD ver1.01 (file system).
·
Does not support CPRM.
3.
I
2C I/F
·
Communicates with the master microcomputer using an I
2C interface format.
·
Supports the standard mode (100 kbps) and fast mode (400 kbps).
·
Supports a 7-bit address.
·
Can select four types of slave addresses.
4.
Audio output
·
1bit-DAC output
·
Builds in the digital soft mute function.
·
Supports digital audio output (I
2S, SPDIF).
·
Builds in sound effects of POPS, JAZZ, ROCK, CLASSIC, R&B and BassBoost.*
* Only audio line output is enabled.


Similar Part No. - BU94601KV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94601KV ROHM-BU94601KV Datasheet
146Kb / 5P
   Silicon Monolithic integrated circuit
More results

Similar Description - BU94601KV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94501AMUV ROHM-BU94501AMUV Datasheet
1Mb / 73P
   AAC/WMA/MP3 SD Memory Card iPod
BU94605AKV ROHM-BU94605AKV Datasheet
1Mb / 84P
   AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
logo
List of Unclassifed Man...
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
List of Unclassifed Man...
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
VLSI Solution Oy
VS1053 VLSI-VS1053 Datasheet
817Kb / 90P
   VS1053b - Ogg Vorbis/MP3/AAC/WMA/FLAC/ MIDI AUDIO CODEC CIRCUIT
Version: 1.31, 2017-11-17
logo
List of Unclassifed Man...
VS1003 ETC-VS1003 Datasheet
456Kb / 57P
   MP3 / WMA AUDIO CODEC
logo
Princeton Technology Co...
PT8402 PTC-PT8402 Datasheet
45Kb / 4P
   MP3, AAC Decoder IC
PT8406 PTC-PT8406 Datasheet
161Kb / 3P
   MP3/WMA Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com