Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU94607AKV Datasheet(PDF) 3 Page - Rohm

Part # BU94607AKV
Description  AAC/WMA/MP3 SD Memory Card CD-ROMMP3 Record
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU94607AKV Datasheet(HTML) 3 Page - Rohm

  BU94607AKV Datasheet HTML 1Page - Rohm BU94607AKV Datasheet HTML 2Page - Rohm BU94607AKV Datasheet HTML 3Page - Rohm BU94607AKV Datasheet HTML 4Page - Rohm BU94607AKV Datasheet HTML 5Page - Rohm BU94607AKV Datasheet HTML 6Page - Rohm BU94607AKV Datasheet HTML 7Page - Rohm BU94607AKV Datasheet HTML 8Page - Rohm BU94607AKV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
3/80
Datasheet
Datasheet
BU94605AKV BU94607AKV BU94702AKV BU94705AKV
TSZ02201-0V2V0E600090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2012.12.10 Rev.002
www.rohm.com
TSZ22111・15・001
●Difference of BU94605AKV BU94607AKV BU94702AKV BU94705AKV features
Item
BU94605AKV
BU94607AKV
BU94702AKV
BU94705AKV
Package
VQFP80
VQFP80
Number of pins
80pin
80pin
Power supply
3.3V (inner 1.5V regulator )
3.3V (inner 1.5V regulator )
USB Host I/F
USB Full speed(12Mbps),
USB mass storage class
USB Full speed(12Mbps),
USB mass storage class
SD card I/F
SPI mode
SPI mode
SD, SDHC, MMC, mini-SDcard
SD, SDHC, MC, mini-SDcard
iPod
Supported
Not supported *1
Supported
Not supported *1
MP3 encode
Not supported
Supported
I
2C command I/F
(Slave)
Supported
Supported
Change the Setting of
timeout and retry mode
in USB memory or SD
card mount operation
Supported
Supported
Audio line output
Supported
Supported
Digital audio output
I
2S, EIAJ, SPDIF
I
2S, EIAJ, SPDIF
Sample rate convertor
Supported (44.1kHz)
Supported (44.1kHz)
clock
16.9344MHz
(*1)
16.9344MHz
(*1)
Playable MP3 files
*.mp3, *.mp2, *.mp1
*.mp3, *.mp2, *.mp1
Playable WMA files
*.asf, *.wma
*.asf, *.wma
Playable AAC files
*.m4a, *.3gp, *.mp4
*.m4a, *.3gp, *.mp4
Playable WAV files
*.wav
*.wav
Browsing function
Supported
Supported
File writing function
Supported
Supported
File reading function
Supported
Supported
Play List function
Supported
Supported
*1 for using of BU94607AKV and BU94705AKV, It is necessary to become a licensee of Apple Inc. regarding "Made for
iPod/iPhone/iPad License".


Similar Part No. - BU94607AKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94601KV ROHM-BU94601KV Datasheet
146Kb / 5P
   Silicon Monolithic integrated circuit
BU94601KV ROHM-BU94601KV Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94601KV-ZAE2 ROHM-BU94601KV-ZAE2 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94603 ROHM-BU94603 Datasheet
1Mb / 23P
   USB/SD Host Audio Media Decoder Evaluation Board Manual
More results

Similar Description - BU94607AKV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU94601KV ROHM-BU94601KV_12 Datasheet
1Mb / 70P
   AAC/WMA/MP3 SD Memory Card iPod
BU94501AMUV ROHM-BU94501AMUV Datasheet
1Mb / 73P
   AAC/WMA/MP3 SD Memory Card iPod
logo
List of Unclassifed Man...
VS1033C ETC2-VS1033C Datasheet
584Kb / 74P
   MP3/AAC/WMA/MIDI AUDIO CODEC
VS1033 ETC1-VS1033 Datasheet
556Kb / 70P
   MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Cirrus Logic
CS7410 CIRRUS-CS7410 Datasheet
366Kb / 39P
   CD/MP3/WMA Audio Controller
logo
Rohm
BU9458KV ROHM-BU9458KV Datasheet
210Kb / 5P
   USB host AACWMAMP3 Decoder LSI
logo
List of Unclassifed Man...
VS1053B ETC2-VS1053B Datasheet
689Kb / 79P
   Ogg Vorbis/MP3/AAC/WMA/MIDI AUDIO CODEC
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
   DECODER FOR CD-MP3/CD-ROM
logo
Princeton Technology Co...
PT8405 PTC-PT8405_10 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
PT8405 PTC-PT8405 Datasheet
161Kb / 3P
   MP3/WMA Decoder and MP3 Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com