Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9409FV Datasheet(PDF) 9 Page - Rohm

Part # BU9409FV
Description  32bit Audio DSP
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9409FV Datasheet(HTML) 9 Page - Rohm

Back Button BU9409FV Datasheet HTML 5Page - Rohm BU9409FV Datasheet HTML 6Page - Rohm BU9409FV Datasheet HTML 7Page - Rohm BU9409FV Datasheet HTML 8Page - Rohm BU9409FV Datasheet HTML 9Page - Rohm BU9409FV Datasheet HTML 10Page - Rohm BU9409FV Datasheet HTML 11Page - Rohm BU9409FV Datasheet HTML 12Page - Rohm BU9409FV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Technical Note
9/54
BU9409FV
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
1
1--3
3.. C
Co
on
nttrro
oll s
siig
gn
na
all s
sp
pe
ec
ciiffiic
ca
attiio
on
n
○ Bus line, I/O stage electrical specification and timing.
Fig.1-1: Timing chart
Table 1-1:
SDAI and SCLI bus-line characteristic
(Unless specified, Ta=25 , Vcc=3.3V)
Parameter
Code
High-speed mode
Unit
Min.
Max.
1
SCLI clock frequency
fSCL
0
400
kHz
2
Bus-free-time
between
"Stop"
condition
and
"Start"
condition
tBUF
1.3
μs
3
"Start" condition of hold-time (resending). After this period,
the first clock-pulse is generated.
tHD;STA
0.6
μs
4
LOW status hold-time of SCLI clock
tLOW
1.3
μs
5
HIGH status hold-time of SCLI clock
tHIGH
0.6
μs
6
Setup time of resending “Start” condition
tSU;STA
0.6
μs
7
Data-hold-time
tHD;DAT
0
1)
μs
8
Data-setup time
tSU;DAT
500/250/15
0
ns
9
Rising time of SDAI and SCL signal
tR
20+Cb
300
ns
10
Fall time of SDAI and SCL signal
tF
20+Cb
300
ns
11
Setup time of "Stop" condition
tSU;STO
0.6
μs
12
Capacitive load of each bus-line
Cb
400
pF
The above-mentioned numerical values are all the values corresponding to VIH min and VIL max level.
1)
To exceed an undefined area on falling edged of SCLI, transmission device should internally offer the hold-time of
300ns or more for SDAI signal(VIH min of SCLI signal).
2)
Data-setup time changes with setup of MCLK. In MCLK=512fs, data setup time is 150ns.
In MCLK=256fs, data setup time is 250ns. In MCLK=128fs, data setup time is 500ns.
The above-mentioned characteristic is a theory value in IC design and it doesn't be guaranteed by shipment inspection.
When problem occurs by any chance, we talk in good faith and correspond.
Neither terminal SCLI nor terminal SDAI correspond to 5V tolerant. Please use it within absolute maximum rating 4.5V.
tBUF
tLOW
tR
tHD;STA
S
P
tHD;DAT
tF
tHIGH
tSU;DAT
tSU;STA
Sr
tHD;STA
tSU;STO
P
SDAI
SCLI


Similar Part No. - BU9409FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2-E2 ROHM-BU9408KS2-E2 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
More results

Similar Description - BU9409FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9408KS2 ROHM-BU9408KS2_12 Datasheet
1Mb / 57P
   32bit Audio DSP with Built-in 4ch DAC and ASRC
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
   Car Audio DSP
April, 2014
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
logo
Asahi Kasei Microsystem...
AK4438VN AKM-AK4438VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK4436VN AKM-AK4436VN Datasheet
1Mb / 63P
   108dB 768kHz 32bit 8-Channel Audio DAC
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4432VT AKM-AK4432VT Datasheet
1Mb / 50P
   108dB 192kHz 32bit 2-Channel Audio DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com