Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9408KS2 Datasheet(PDF) 10 Page - Rohm

Part # BU9408KS2
Description  32bit Audio DSP with Built-in 4ch DAC and ASRC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9408KS2 Datasheet(HTML) 10 Page - Rohm

Back Button BU9408KS2 Datasheet HTML 6Page - Rohm BU9408KS2 Datasheet HTML 7Page - Rohm BU9408KS2 Datasheet HTML 8Page - Rohm BU9408KS2 Datasheet HTML 9Page - Rohm BU9408KS2 Datasheet HTML 10Page - Rohm BU9408KS2 Datasheet HTML 11Page - Rohm BU9408KS2 Datasheet HTML 12Page - Rohm BU9408KS2 Datasheet HTML 13Page - Rohm BU9408KS2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Technical Note
10/53
BU9408KS2
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
2.
Data and System-clock setting
The input-and-output distribution diagram of the audio data of BU9408KS2 is shown below.
BU9408KS2 has a 4-line digital stereo input, 3-line digital stereo output and 2-line analog stereo output.
The digital data input to the DSP operation part is first changed to fs=48kHz data at the ASRC (asynchronous sampling
rate converter).
DSP operation part output is changed to either I
2S format digital output, S/PDIF format digital serial output or analog
output.
2
2--1
1.. IIn
np
pu
utt d
da
atta
a s
se
elle
ec
cttiio
on
n tto
o S
S--P
P C
Co
on
nv
ve
errs
siio
on
n 1
1 ((S
SE
EL
L1
1))
Default = 0
Select Address
Value
Operation Description
&h03 [ 1:0 ]
0
Input data from I2S_IN1
1
Input data from I2S_IN2
2
Input data from I2S_IN3
3
Input data from I2S_IN4
2
2--2
2.. IIn
np
pu
utt d
da
atta
a s
se
elle
ec
cttiio
on
n tto
o S
S--P
P C
Co
on
nv
ve
errs
siio
on
n 2
2 ((S
SE
EL
L1
1))
Default = 0
Select Address
Value
Operation Description
&h03 [ 5:4 ]
0
Input data from I2S_IN1
1
Input data from I2S_IN2
2
Input data from I2S_IN3
3
Input data from I2S_IN4
2
2--3
3.. O
Ou
uttp
pu
utt d
da
atta
a s
se
elle
ec
cttiio
on
n P
P--S
S C
Co
on
nv
ve
errs
siio
on
n 1
1 ffo
orr D
DA
AT
TA
AM
MO
O tte
errm
miin
na
all ((S
SE
EL
L2
2))
Default = 0
Select Address
Value
Operation Description
&h04 [ 1:0 ]
0
Main data output after DSP operation
1
Sub data output after DSP operation
2
Data output before DSP operation
Tone
DF1
ΔΣ
DAC
LINE OUT
DSP operation part
Control I/F
CG
S-P
CONV1
I2S_IN1
EVR
PLL1
Audio DSP
(BU9408KS2)
P-S
CONV2
I2S_OUT_Main
S
E
L
2
SPDIF
Dec
S/PDIF
SEL6
ASRC
・・・
Func.
Main
I2S_IN2
S
E
L
1
P-EQ
DF2
16bit
DAC
HP OUT
S-P
CONV2
P-S
CONV1
I2S_OUT_Sub
PLL2
I2S_IN3
I2S_IN4
S
E
L
5
S
E
L
4
S
E
L
3
DATAI1,BCKI1,LRCKI1
DATAI2,BCKI2,LRCKI2
DATAI3,BCKI3,LRCKI3
DATAI4,BCKI4,LRCKI4
AOUTL2,AOUTR2
AOUTL1,AOUTR1
SPDIFO
DATAMO,BCKO,LRCKO
DATASO
(ERR2_BCK, ERR1_LRC)
S
E
L
7


Similar Part No. - BU9408KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9409FV ROHM-BU9409FV Datasheet
1Mb / 58P
   32bit Audio DSP
BU9409FV-E2 ROHM-BU9409FV-E2 Datasheet
1Mb / 58P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
More results

Similar Description - BU9408KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
Asahi Kasei Microsystem...
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com