Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU9408KS2 Datasheet(PDF) 7 Page - Rohm

Part # BU9408KS2
Description  32bit Audio DSP with Built-in 4ch DAC and ASRC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9408KS2 Datasheet(HTML) 7 Page - Rohm

Back Button BU9408KS2 Datasheet HTML 3Page - Rohm BU9408KS2 Datasheet HTML 4Page - Rohm BU9408KS2 Datasheet HTML 5Page - Rohm BU9408KS2 Datasheet HTML 6Page - Rohm BU9408KS2 Datasheet HTML 7Page - Rohm BU9408KS2 Datasheet HTML 8Page - Rohm BU9408KS2 Datasheet HTML 9Page - Rohm BU9408KS2 Datasheet HTML 10Page - Rohm BU9408KS2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Technical Note
7/53
BU9408KS2
www.rohm.com
2012.03 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
1.
Command Interface
BU9408KS2 uses I
2C-bus system for the command interface with a host CPU.
The register of BU9408KS2 has Write-mode and Read-mode.
BU9408KS2 specifies a slave address and 1 byte of selection address, and it performs writing and read-out.
The slave mode format of I
2C bus is shown below.
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
S : Start condition
Slave Address : After the slave address (7 bits) set up by I2CADR, bit of a read-mode (H") and a write-mode (L") is attached,
and a total of 8-bit data is sent. (MSB first)
A: Acknowledge An acknowledge bit is added on to each bit of data transmitted.
When data transmission is being done correctly, “L” is transmitted.
“H” transmission means there was no acknowledge.
Select Address: BU9408KS2 uses a 1-byte select address.
(MSB first)
Data:
Data byte, transmitted data (MSB first)
P:
Stop condition
1
1--1
1..
D
Da
atta
a W
Wrriitte
e--IIn
n
S
Slave Address
A
Select Address
A
Data
A
P
: Master to Slave
: Slave to Master
ADDR=0
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
ADDR=1
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
1
0
S
Slave Address
A
Select Address
A
Data
A
Data
A
Data
A
P
(例)
80h
20h
00h
00h
00h
: Master to Slave
: Slave to Master
SDA
SCL
MSB
6
5
LSB
Start Condition
When SDA
, SCL=”H”
Stop Condition
When SDA
, SCL=”H”
Setting of BU9408KS2 slave address
Terminal setting
Write-mode
Slave-address
ADDR
0
80h
1
82h


Similar Part No. - BU9408KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9406KS2 ROHM-BU9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
BU9409FV ROHM-BU9409FV Datasheet
1Mb / 58P
   32bit Audio DSP
BU9409FV-E2 ROHM-BU9409FV-E2 Datasheet
1Mb / 58P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
More results

Similar Description - BU9408KS2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
logo
Asahi Kasei Microsystem...
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
Asahi Kasei Microsystem...
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
AK7757VQ AKM-AK7757VQ Datasheet
656Kb / 24P
   24bit 3ch ADC 4ch DAC Mic Amp ?낁뵷 Audio DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com