Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3547F Datasheet(PDF) 4 Page - Rohm

Part # BH3547F
Description  Standard Headphone Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3547F Datasheet(HTML) 4 Page - Rohm

  BH3547F Datasheet HTML 1Page - Rohm BH3547F Datasheet HTML 2Page - Rohm BH3547F Datasheet HTML 3Page - Rohm BH3547F Datasheet HTML 4Page - Rohm BH3547F Datasheet HTML 5Page - Rohm BH3547F Datasheet HTML 6Page - Rohm BH3547F Datasheet HTML 7Page - Rohm BH3547F Datasheet HTML 8Page - Rohm BH3547F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
4/8
BH3544F,BH3547F,BH3548F
5
6
7
8
3
4
VCC
OUT2
BIAS
IN2
90k
90k
6dB
6dB
BIAS
MUTE
TSD
2
1
OUT1
MUTE
IN1
GND
Block diagram
Fig. 13
Measurement circuit
Fig. 14
8
7
6
5
1
2
3
4
BIAS
90k
90k
MUTE
TSD
6dB
6dB
R5
1
2
VIN2
SW5
47μ
IN2
BIAS
VCC
CVCC
10μ
V
330μ
V7AC
1
2
32
16
330μ
V
1
2
32
16
SW7
SW1
A IQ
SW8B
12
SWBA
VRR
VCC
V1AC
OUT1
MUTE
IN1
GND
1
2
VIN1
SW3
R3
OUT2
VTM


Similar Part No. - BH3547F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
BH3547F-E2 ROHM-BH3547F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3547F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com