Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH3548F-E2 Datasheet(PDF) 3 Page - Rohm

Part # BH3548F-E2
Description  Standard Headphone Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3548F-E2 Datasheet(HTML) 3 Page - Rohm

  BH3548F-E2 Datasheet HTML 1Page - Rohm BH3548F-E2 Datasheet HTML 2Page - Rohm BH3548F-E2 Datasheet HTML 3Page - Rohm BH3548F-E2 Datasheet HTML 4Page - Rohm BH3548F-E2 Datasheet HTML 5Page - Rohm BH3548F-E2 Datasheet HTML 6Page - Rohm BH3548F-E2 Datasheet HTML 7Page - Rohm BH3548F-E2 Datasheet HTML 8Page - Rohm BH3548F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.rohm.com
2015.06 - Rev.D
© 2015 ROHM Co., Ltd. All rights reserved.
Technical Note
3/8
BH3544F,BH3547F,BH3548F
Reference data (Continued)
BH3544F
BH3544F
BH3544F
40
0.001
OUTPUT VOLTAGE :VO (dBV)
0.01
10
30
20
10
10
0.1
1
0
f100HZ
f1kHZ
f10kHZ
Ta25C
RL32
VCC5V
40
0.001
OUTPUT VOLTAGE: VO (dBV)
0.01
10
30
20
10
10
0.1
1
0
f100HZ
f1kHZ
f10kHZ
Ta25C
RL32
VCC3V
Fig. 4 Voltage gain vs. frequency
Fig. 5 Total harmonic distortion vs.
output voltage (1)
Fig. 6 Total harmonic distortion vs.
output voltage (2)
BH3544F
BH3544F
BH3544F
Fig. 7 Total harmonic distortion vs.
output voltage (3)
Fig. 8 Total harmonic distortion vs.
output voltage (4)
Fig. 9 Channel separation vs.
frequency
BH3544F
BH3544F
BH3544F
Fig. 10 MUTE attenuation vs. frequency Fig. 11 Ripple rejection vs. frequency
Fig. 12 Ripple rejection vs.
power supply voltage


Similar Part No. - BH3548F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3548F-E2 ROHM-BH3548F-E2 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
More results

Similar Description - BH3548F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3541F ROHM-BH3541F_10 Datasheet
402Kb / 9P
   Standard Headphone Amplifiers
BH3544F ROHM-BH3544F_11 Datasheet
388Kb / 9P
   Standard Headphone Amplifiers
logo
Shenzhen Huazhimei Semi...
HM97220A HMSEMI-HM97220A Datasheet
1Mb / 17P
   Headphone Amplifiers
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
BD88200GUL ROHM-BD88200GUL Datasheet
654Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Rohm
BD88400GUL ROHM-BD88400GUL Datasheet
594Kb / 26P
   Coupling Capacitorless Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com